Electronic Components Datasheet Search
  English  ▼

X  

NSS1002CL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSS1002CL
Description  Bipolar Transistor 100 V, 2.5 A, Low VCE(sat) NPN Single LFPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS1002CL Datasheet(HTML) 1 Page - ON Semiconductor

  NSS1002CL Datasheet HTML 1Page - ON Semiconductor NSS1002CL Datasheet HTML 2Page - ON Semiconductor NSS1002CL Datasheet HTML 3Page - ON Semiconductor NSS1002CL Datasheet HTML 4Page - ON Semiconductor NSS1002CL Datasheet HTML 5Page - ON Semiconductor NSS1002CL Datasheet HTML 6Page - ON Semiconductor NSS1002CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2021
February, 2022 − Rev. 0
1
Publication Order Number:
NSS1002CL/D
Bipolar Transistor
100 V, 2.5 A, Low VCE(sat) NPN
Single LFPAK
NSS1002CL
This device is bipolar junction transistor featuring high current, low
saturation voltage, and high speed switching.
Suitable for automotive applications. AEC−Q101 qualified and
PPAP capable. (NSVS1002CLTWG)
Features
• Complement to NSS1001CL
• Large Current Capacitance
• Low Collector to Emitter Saturation Voltage
• Thin Profile LFPAK8 3.3 x 3.3 mm Package
• High−Speed Switching
• High Allowable Power Dissipation
• AEC−Q101 Qualified and PPAP Capable (NSVS1002CLTWG)
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• Load Switch
• Gate Driver Buffer
• DC−DC Converters
Specifications
ABSOLUTE MAXIMUM RATING at Ta = 25°C
Parameter
Symbol
Value
Unit
Collector−to−Base Voltage
VCBO
120
V
Collector−to−Emitter Voltage
VCEO
100
V
Emitter−to−Base Voltage
VEBO
6.5
V
Collector Current
IC
2.5
A
Collector Current (Pulse)
ICP
4
A
Collector Dissipation
PC (Note 1)
0.8
W
PC (Note 2)
2.2
Junction Temperature
TJ
175
°C
Storage Temperature Range
Tstg
−55 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Mounted on FRB with minimum pad of Copper 2 oz
2. Mounted on FRB with 1 in/sq pad of Copper 2 oz
MARKING DIAGRAM
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
LFPAK8 3.3x3.3, 0.65P
CASE 760AD
ELECTRICAL CONNECTION
NSS1002 = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
NSS
1002G
AWLYW


Similar Part No. - NSS1002CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1001CL ONSEMI-NSS1001CL Datasheet
384Kb / 7P
Bipolar Transistor -100 V, -2.5 A, Low VCE(sat) PNP Single LFPAK
February, 2022 ??Rev. 0
NSS1001CLTWG ONSEMI-NSS1001CLTWG Datasheet
384Kb / 7P
Bipolar Transistor -100 V, -2.5 A, Low VCE(sat) PNP Single LFPAK
February, 2022 ??Rev. 0
More results

Similar Description - NSS1002CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C201LT1G ONSEMI-NSS1C201LT1G Datasheet
107Kb / 5P
100 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2008 ??Rev. 0
NSS1C201MZ4 ONSEMI-NSS1C201MZ4 Datasheet
122Kb / 6P
100 V, 2.0 A, Low VCE(sat) NPN Transistor
November, 2008 ??Rev. 0
NSS40301MZ4 ONSEMI-NSS40301MZ4_10 Datasheet
114Kb / 6P
Bipolar Power Transistors 40 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2010 ??Rev. 1
NSS1C301ET4G ONSEMI-NSS1C301ET4G Datasheet
83Kb / 5P
100 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2013 ??Rev. 3
NSS1C201L ONSEMI-NSS1C201L_14 Datasheet
78Kb / 6P
100 V, 3.0 A, Low VCE(sat) Transistor
December, 2014 ??Rev. 5
NSS1C201MZ4 ONSEMI-NSS1C201MZ4_10 Datasheet
106Kb / 6P
100 V, 2.0 A, Low VCE(sat) NPN Transistor
September, 2010 ??Rev. 2
NSS1C301ET4G ONSEMI-NSS1C301ET4G_14 Datasheet
116Kb / 5P
100 V, 3.0 A, Low VCE(sat) NPN Transistor
January, 2014 ??Rev. 4
NSS1001CL ONSEMI-NSS1001CL Datasheet
384Kb / 7P
Bipolar Transistor -100 V, -2.5 A, Low VCE(sat) PNP Single LFPAK
February, 2022 ??Rev. 0
NSVS50030SB3 ONSEMI-NSVS50030SB3 Datasheet
169Kb / 7P
Bipolar Transistor (-)50 V, (-)3 A, Low VCE(sat), (PNP)NPN Single
December, 2018 ??Rev. 1
NSV1C300CT ONSEMI-NSV1C300CT Datasheet
292Kb / 7P
Bipolar Power Transistors 100 V, 3.0 A, Low VCE(sat) PNP Transistor
February, 2021 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com