Electronic Components Datasheet Search
  English  ▼

X  

NSS1002CL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSS1002CL
Description  Bipolar Transistor 100 V, 2.5 A, Low VCE(sat) NPN Single LFPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS1002CL Datasheet(HTML) 3 Page - ON Semiconductor

  NSS1002CL Datasheet HTML 1Page - ON Semiconductor NSS1002CL Datasheet HTML 2Page - ON Semiconductor NSS1002CL Datasheet HTML 3Page - ON Semiconductor NSS1002CL Datasheet HTML 4Page - ON Semiconductor NSS1002CL Datasheet HTML 5Page - ON Semiconductor NSS1002CL Datasheet HTML 6Page - ON Semiconductor NSS1002CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NSS1002CL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
VCE, Collector to Emitter Voltage (V)
Figure 2. IC − VCE
IC, Collector Current (mA)
Figure 3. VBE − IC
IC, Collector Current (mA)
Figure 4. hFE − IC
IC, Collector Current (mA)
Figure 5. VCE(sat) − IC
IC, Collector Current (mA)
Figure 6. VCE(sat) − IC
IC, Collector Current (mA)
Figure 7. VBE(sat) − IC
0.1
1
10
10
100
1000
5000
IC / IB = 10
−55°C
25°C
TA = 175°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.2
0.4
0.6
0.8
1
5mA
20mA
40mA
IB = 160mA
60mA
120mA
100mA
80mA
10mA
TA = 25°C
0
200
400
600
800
1000
1200
1
10
100
1000
5000
TA = −55°C
25°C
175°C
1
10
100
1000
1
10
100
1000
5000
VCE = 5 V
TA = 175°C
25°C
−55°C
0.001
0.01
0.1
1
10
100
1000
5000
IC / IB = 5
TA = 175°C
25°C
−55°C
0.001
0.01
0.1
1
10
100
1000
IC / IB = 10
5000
25°C
−55°C
TA = 175°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com