Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583W Datasheet(PDF) 83 Page - Analog Devices

Part # ADSP-SC583W
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583W Datasheet(HTML) 83 Page - Analog Devices

Back Button ADSP-SC583W Datasheet HTML 79Page - Analog Devices ADSP-SC583W Datasheet HTML 80Page - Analog Devices ADSP-SC583W Datasheet HTML 81Page - Analog Devices ADSP-SC583W Datasheet HTML 82Page - Analog Devices ADSP-SC583W Datasheet HTML 83Page - Analog Devices ADSP-SC583W Datasheet HTML 84Page - Analog Devices ADSP-SC583W Datasheet HTML 85Page - Analog Devices ADSP-SC583W Datasheet HTML 86Page - Analog Devices ADSP-SC583W Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 173 page
background image
Rev. B
|
Page 83 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
ELECTRICAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Unit
VOH
1
High Level Output Voltage At VDD_EXT = minimum, IOH = –1.0 mA
2
2.4
V
VOL
1
Low Level Output Voltage At VDD_EXT = minimum, IOL = 1.0 mA
2
0.4
V
VOH_DDR2
3
High Level Output Voltage
for DDR2 DS = 40 Ω
At VDD_DDR = minimum, IOH = –5.8 mA
1.38
V
VOL_DDR2
3
Low Level Output Voltage
for DDR2 DS = 40 Ω
At VDD_DDR = minimum, IOL = 5.8 mA
0.32
V
VOH_DDR2
3
High Level Output Voltage
for DDR2 DS = 60 Ω
At VDD_DDR = minimum, IOH = –3.4 mA
1.38
V
VOL_DDR2
3
Low Level Output Voltage
for DDR2 DS = 60 Ω
At VDD_DDR = minimum, IOL = 3.4 mA
0.32
V
VOH_DDR3
4
High Level Output Voltage
for DDR3 DS = 40 Ω
At VDD_DDR = minimum, IOH = –5.8 mA
1.105
V
VOL_DDR3
4
Low Level Output Voltage
for DDR3 DS = 40 Ω
At VDD_DDR = minimum, IOL = 5.8 mA
0.32
V
VOH_DDR3
4
High Level Output Voltage
for DDR3 DS = 60 Ω
At VDD_DDR = minimum, IOH = –3.4 mA
1.105
V
VOL_DDR3
4
Low Level Output Voltage
for DDR3 DS = 60 Ω
At VDD_DDR = minimum, IOL = 3.4 mA
0.32
V
VOH_LPDDR
5
High Level Output Voltage
for LPDDR
At VDD_DDR = minimum, IOH = –6.0 mA
1.38
V
VOL_LPDDR
5
Low Level Output Voltage
for LPDDR
At VDD_DDR = minimum, IOL = 6.0 mA
0.32
V
IIH
6, 7
High Level Input Current
At VDD_EXT = maximum,
VIN = VDD_EXT maximum
10
μA
IIL
6
Low Level Input Current
At VDD_EXT = maximum, VIN = 0 V
10
μA
IIL_PU
7
Low Level Input Current
Pull-Up
At VDD_EXT = maximum, VIN = 0 V
200
μA
IIH_PD
8
High Level Input Current
Pull-Down
At VDD_EXT = maximum, VIN = VDD_EXT
maximum
200
μA
IOZH
9
Three-State Leakage
Current
At VDD_EXT/VDD_DDR = maximum,
VIN = VDD_EXT/VDD_DDR maximum
10
μA
IOZL
9
Three-State Leakage
Current
at VDD_EXT/VDD_DDR = maximum,
VIN = 0 V
10
μA
CIN
10
Input Capacitance
TCASE = 25°C
5
pF
IDD_IDLE
VDD_INT Current in Idle
fCCLK =450 MHz
ASFSHARC1 =0.31
ASFSHARC2 =0.31
ASFA5 =0.29
fSYSCLK = 225 MHz
fSCLK0/1 = 112.5 MHz
(Other clocks are disabled)
No peripheral or DMA activity
TJ = 25°C
VDD_INT = 1.1 V
495
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com