Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583W Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-SC583W
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583W Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-SC583W Datasheet HTML 9Page - Analog Devices ADSP-SC583W Datasheet HTML 10Page - Analog Devices ADSP-SC583W Datasheet HTML 11Page - Analog Devices ADSP-SC583W Datasheet HTML 12Page - Analog Devices ADSP-SC583W Datasheet HTML 13Page - Analog Devices ADSP-SC583W Datasheet HTML 14Page - Analog Devices ADSP-SC583W Datasheet HTML 15Page - Analog Devices ADSP-SC583W Datasheet HTML 16Page - Analog Devices ADSP-SC583W Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 173 page
background image
Rev. B
|
Page 13 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
Direct Memory Access (DMA)
The processors use direct memory access (DMA) to transfer
data within memory spaces or between a memory space and a
peripheral. The processors can specify data transfer operations
and return to normal processing while the fully integrated DMA
controller carries out the data transfers independent of proces-
sor activity.
DMA transfers can occur between memory and a peripheral or
between one memory and another memory. Each memory to
memory DMA stream uses two channels: one channel is the
source channel and the second is the destination channel.
All DMA channels can transport data to and from all on-chip
and off-chip memories. Programs can use two types of DMA
transfers: descriptor-based or register-based.
Register-based DMA allows the processors to program DMA
control registers directly to initiate a DMA transfer. On comple-
tion, the DMA control registers automatically update with
original setup values for continuous transfer. Descriptor-based
DMA transfers require a set of parameters stored within mem-
ory to initiate a DMA sequence. Descriptor-based DMA
transfers allow multiple DMA sequences to be chained together.
Program a DMA channel to set up and start another DMA
transfer automatically after the current sequence completes.
The DMA engine supports the following DMA operations:
• A single linear buffer that stops on completion
• A linear buffer with negative, positive, or zero stride length
• A circular autorefreshing buffer that interrupts when each
buffer becomes full
• A similar circular buffer that interrupts on fractional buf-
fers, such as at the halfway point
• The 1D DMA uses a set of identical ping pong buffers
defined by a linked ring of two-word descriptor sets, each
containing a link pointer and an address
• The 1D DMA uses a linked list of four-word descriptor sets
containing a link pointer, an address, a length, and a
configuration
• The 2D DMA uses an array of one-word descriptor sets,
specifying only the base DMA address
• The 2D DMA uses a linked list of multiword descriptor
sets, specifying all configurable parameters
Memory Direct Memory Access (MDMA)
The processor supports various MDMA operations, including,
• Standard bandwidth MDMA channels with CRC protec-
tion (32-bit bus width, run on SCLK0)
• Enhanced bandwidth MDMA channel (32-bit bus width,
runs on SYSCLK)
• Maximum bandwidth MDMA channels (64-bit bus width,
run on SYCLK, one channel can be assigned to the FFT
accelerator)
Extended Memory DMA
Extended memory DMA supports various operating modes
such as delay line (which allows processor reads and writes to
external delay line buffers and to the external memory) with
limited core interaction and scatter/gather DMA (writes to and
from noncontiguous memory blocks).
Cyclic Redundant C ode (CRC) Protection
The cyclic redundant codes (CRC) protection modules allow
system software to calculate the signature of code, data, or both
in memory, the content of memory-mapped registers, or peri-
odic communication message objects. Dedicated hardware
circuitry compares the signature with precalculated values and
triggers appropriate fault events.
For example, every 100 ms the system software initiates the sig-
nature calculation of the entire memory contents and compares
these contents with expected, precalculated values. If a mis-
match occurs, a fault condition is generated through the
processor core or the trigger routing unit.
The CRC is a hardware module based on a CRC32 engine that
computes the CRC value of the 32-bit data-words presented to
it. The source channel of the memory to memory DMA (in
memory scan mode) provides data. The data can be optionally
forwarded to the destination channel (memory transfer mode).
The main features of the CRC peripheral are as follows:
•Memory scan mode
•Memory transfer mode
•Data verify mode
• Data fill mode
• User-programmable CRC32 polynomial
• Bit/byte mirroring option (endianness)
• Fault/error interrupt mechanisms
• 1D and 2D fill block to initialize an array with constants
• 32-bit CRC signature of a block of a memory or an MMR
block
Event Handling
The processors provide event handling that supports both nest-
ing and prioritization. Nesting allows multiple event service
routines to be active simultaneously. Prioritization ensures that
servicing a higher priority event takes precedence over servicing
a lower priority event.
The processors provide support for five different types of
events:
• An emulation event causes the processors to enter emula-
tion mode, allowing command and control of the
processors through the JTAG interface.
• A reset event resets the processors.
• An exceptions event occur synchronously to program flow
(in other words, the exception is taken before the instruc-
tion is allowed to complete). Conditions triggered on the
one side by the SHARC+ core, such as data alignment
(SIMD/long word) or compute violations (fixed or floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com