Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583W Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-SC583W
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583W Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-SC583W Datasheet HTML 17Page - Analog Devices ADSP-SC583W Datasheet HTML 18Page - Analog Devices ADSP-SC583W Datasheet HTML 19Page - Analog Devices ADSP-SC583W Datasheet HTML 20Page - Analog Devices ADSP-SC583W Datasheet HTML 21Page - Analog Devices ADSP-SC583W Datasheet HTML 22Page - Analog Devices ADSP-SC583W Datasheet HTML 23Page - Analog Devices ADSP-SC583W Datasheet HTML 24Page - Analog Devices ADSP-SC583W Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 173 page
background image
Rev. B
|
Page 21 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
Sinus Cardinalis (SINC) Filter
The sinus cardinalis (SINC) filter module processes four bit
streams using a pair of configurable SINC filters for each bit
stream. The purpose of the primary SINC filter of each pair is to
produce the filtered and decimated output for the pair. The out-
put can decimate any integer rate between 8 and 256 times
lower than the input rate. Greater decimation allows greater
removal of noise, and, therefore, greater effective number of bits
(ENOB).
Optional additional filtering outside the SINC module can fur-
ther increase ENOB. The primary SINC filter output is
accessible through transfer to processor memory, or to another
peripheral, via DMA.
Each of the four channels is also provided with a low latency
secondary filter with programmable positive and negative over-
range detection comparators. These limit detection events can
interrupt the core, generate a trigger, or signal a system fault.
Digital Transmission Content Protection (DTCP)
Contact Analog Devices for more information on DTCP.
SYSTEM DESIGN
The following sections provide an introduction to system design
features and power supply issues.
Clock Management
The processors provide three operating modes, each with a dif-
ferent performance and power profile. Control of clocking to
each of the processor peripherals reduces power consumption.
The processors do not support any low power operation modes.
Control of clocking to each of the processor peripherals can
reduce the power consumption.
Reset Control Unit (RCU)
Reset is the initial state of the whole processor, or the core, and
is the result of a hardware or software triggered event. In this
state, all control registers are set to default values and functional
units are idle. Exiting a full system reset starts with the core
ready to boot.
The reset control unit (RCU) controls how all the functional
units enter and exit reset. Differences in functional require-
ments and clocking constraints define how reset signals are
generated. Programs must guarantee that none of the reset
functions put the system into an undefined state or causes
resources to stall. This is particularly important when the core
resets (programs must ensure that there is no pending system
activity involving the core when it is reset).
From a system perspective, reset is defined by both the reset tar-
get and the reset source.
The reset target is defined as the following:
• System reset—all functional units except the RCU are set to
default states.
• Hardware reset—all functional units are set to default states
without exception. History is lost.
• Core only reset— affects the core only. When in reset state,
the core is not accessed by any bus master.
The reset source is defined as the following:
• System reset—can be triggered by software (writing to the
RCU_CTL register) or by another functional unit such as
the dynamic power management (DPM) unit or any of the
SEC, TRU, or emulator inputs.
• Hardware reset—the SYS_HWRST input signal asserts
active (pulled down).
• Core only reset—affects only the core. The core is not
accessed by any bus master when in reset state.
• Trigger request (peripheral).
Real-Time Clock (RTC)
The real-time clock (RTC) provides a robust set of digital watch
features, including current time, stopwatch, and alarm. The
RTC is clocked by a 32.768 kHz crystal external to the processor.
Connect the RTC0_CLKIN and RTC0_XTAL pins with external
components as shown in Figure 6.
The RTC peripheral has dedicated power supply pins so it can
remain powered up and clocked even when the remainder of the
processor is in a low power state. The RTC provides several
programmable interrupt options, including interrupt per
second, minute, hour, or day clock ticks; interrupt on program-
mable stopwatch countdown; or interrupt at a programmed
alarm time.
The 32.768 kHz input clock frequency is divided down to a 1 Hz
signal by a prescaler. The counter function of the timer consists
of four counters: a 60 second counter, a 60 minute counter, a
24 hour counter, and a 32,768 day counter. When the alarm
interrupt is enabled, the alarm function generates an interrupt
when the output of the timer matches the programmed value in
the alarm control register (RTC_ALARM). There are two
alarms: a time of day and a day and time of that day.
Figure 6. External Components for RTC
C1
C2
X1
RTC0_CLKIN
R1
RTC0_XTAL
NOTE: C1 AND C2 ARE SPECIFIC TO CRYSTAL SPECIFIED FOR X1.
CONTACT CRYSTAL MANUFACTURER FOR DETAILS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com