Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4650
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 9Page - Analog Devices LTM4650 Datasheet HTML 10Page - Analog Devices LTM4650 Datasheet HTML 11Page - Analog Devices LTM4650 Datasheet HTML 12Page - Analog Devices LTM4650 Datasheet HTML 13Page - Analog Devices LTM4650 Datasheet HTML 14Page - Analog Devices LTM4650 Datasheet HTML 15Page - Analog Devices LTM4650 Datasheet HTML 16Page - Analog Devices LTM4650 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM4660
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The Typical Applications on the first page is a basic
LTM4660 application circuit.
INTVCC/EXTVCC Power
Power for power switch drivers and most internal circuitry
is derived from the INTVCC pin. When the EXTVCC pin is
grounded or tied to a voltage less than 7V, an internal
5.8V linear regulator supplies INTVCC power from VIN. If
EXTVCC is taken above 8V, this linear regulator is turned
OFF and another 5.8V linear regulator turns ON to provide
the INTVCC power from EXTVCC. Using the EXTVCC pin
allows the INTVCC power to be derived from a high effi-
ciency external source, resulting in an overall increase in
LTM4660 efficiency. For LTM4660 applications where VOUT
is greater than 8V, EXTVCC can be directly tied to VOUT.
Shutdown and Start-Up
When RUN pin is below 1.1V, INTVCC linear regulator
along with all the internal circuitry including the main
control loop enters shutdown mode. Releasing the RUN
pin will allow a internal 1μA current source to pull this pin
up, thus enabling LTM4660. RUN pin can also be driven
directly by logic if this voltage does not exceed the abso-
lute maximum rating of 6V.
The slew rate of the output voltage VOUT can be controlled by
the voltage on the TRACK/SS pin. When voltage on TRACK/
SS is less than internal reference voltage of 0.8V (or EXT_
REF if this feature is utilized), the LTM4660 regulates the VFB
voltage to the TRACK/SS voltage instead of to the reference
voltage. This allows TRACK/SS pin to be used to program
the soft-start period by connecting an external capacitor
from the TRACK/SS pin to SGND. After capacitor balancing
phase of LTM4660 is completed, an internal 10μA pull-up
current charges the soft-start capacitor, creating a voltage
ramp. As the voltage on this pin rises linearly from 0V to
the reference voltage (and beyond), output voltage VOUT
rises smoothly from zero to the final set value. Note that
soft-start is achieved not by limiting the maximum output
current of LTM4660 but by controlling the output ramp volt-
age according to the ramp rate at the TRACK/SS pin. The
total soft-start time can be calculated with Equation 2.
tSOFT-START = 0.8V or VEXT_REF •
Css
10µA
(2)
A 0.1µF capacitor connected between TRACK/SS pin and
SGND would be sufficient for most typical IBC applica-
tions with LTM4660.
Output Voltage Tracking
Alternatively, TRACK/SS pin allows start-up of VOUT to track
that of another supply. Typically, this requires connecting
to the TRACK/SS pin an external resistor divider from the
other supply to ground. Tracking can be configured to be
either coincident or ratiometric as shown in Figure 3. In
the following discussions, VOUT1 refers to another supply’s
output while VOUT2 refers to the LTM4660 output that tracks
VOUT1. To implement the coincident tracking in Figure 3a,
connect an additional resistive divider to VOUT1 and connect
its midpoint to the TRACK/SS pin of the LTM4660. The ratio
of this divider should be the same as that of the slave chan-
nel’s feedback divider shown in Figure 4a. In this tracking
mode, VOUT1 must be higher than VOUT2. This ensures the
final voltage on TRACK/SS pin is greater than 0.8V.
To implement ratiometric tracking shown in Figure 3b,
connect a resistor divider R1 and R2 from external supply
to TRACK/SS pin of LTM4660. Select R1 and R2 such that
when external supply reaches steady state, final voltage
on TRACK/SS is less than 0.8V. Use this final voltage to
select FB resistor R4 (see Figure 4b). Output voltage VOUT2
of LTM4660 which ratiometrically tracks external supply
voltage VOUT1 is given by Equation 3.
VOUT2=
VOUT1 1+
60.4k
R4
1+
R1
R2
(3)
In order to track down another supply after the soft-start
has successfully reached 82.5% of 0.8V or VEXT_REF, it is
recommended to set the LTM4660 into forced continu-
ous mode operation by setting the MODE/PLLIN = 0V. By
selecting different resistors, the LTM4660 can achieve dif-
ferent modes of tracking including the two in Figure 3. The
ratio-metric mode has lesser output accuracy on VOUT2
but is fully coupled to any variations in VOUT1. In both
modes, there is an error in output voltage setting caused
by the pin current of TRACK/SS. To minimize this error,
use smaller resistor values in the divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com