Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4650
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 20Page - Analog Devices LTM4650 Datasheet HTML 21Page - Analog Devices LTM4650 Datasheet HTML 22Page - Analog Devices LTM4650 Datasheet HTML 23Page - Analog Devices LTM4650 Datasheet HTML 24Page - Analog Devices LTM4650 Datasheet HTML 25Page - Analog Devices LTM4650 Datasheet HTML 26Page - Analog Devices LTM4650 Datasheet HTML 27Page - Analog Devices LTM4650 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTM4660
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 21. 12VOUT 25A Intermediate Bus Converter
33µF
VIN
36V TO
60V
RUN
INTVCC
EXT_REF
FAULT
PGOOD
HYS_PRGM
TIMER
COMPa
COMPb
FREQ
TRACK/SS
VFB
MODE/PLLIN
TEMP
SGND
VIN
VINSNS
C+
C–
MIDSNS
MID
EXTVCC
VOUT
PGND
10k
10k
100k
1µF
49.9k
0.1µF 4.32k
×2
10µF
×2
22µF
LTM4660
150µF
×2
4660 F21
VOUT
12V
25A
+
+
CFLY
10µF
50V
×12
CMID
10µF
50V
×12
33µF
VIN
48V
RUN
INTVCC
EXT_REF
FAULT
PGOOD
HYS_PRGM
TIMER
COMPa
COMPb
FREQ
TRACK/SS
VFB
MODE/PLLIN
TEMP
SGND
VIN
VINSNS
C+
C–
MIDSNS
MID
EXTVCC
VOUT
PGND
10k
10k
100k
1µF
39.9k
0.1µF 11.49k
×2
10µF
×2
22µF
LTM4660
8V
150µF
×2
4660 F22a
VOUT
5V
25A
+
+
CFLY
10µF
50V
×12
CMID
10µF
50V
×12
LOAD CURRENT (A)
0
5
10
15
20
25
90
91
92
93
94
95
96
0
2
4
6
8
10
12
4660 F22b
POWER LOSS
EFFICIENCY
FCM
fSW = 250kHz
Figure 22. A 48V to 5V Step-Down Converter
Efficiency and Power Loss for 48V
to 5V vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com