Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4650
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 3 Page - Analog Devices

  LTM4650 Datasheet HTML 1Page - Analog Devices LTM4650 Datasheet HTML 2Page - Analog Devices LTM4650 Datasheet HTML 3Page - Analog Devices LTM4650 Datasheet HTML 4Page - Analog Devices LTM4650 Datasheet HTML 5Page - Analog Devices LTM4650 Datasheet HTML 6Page - Analog Devices LTM4650 Datasheet HTML 7Page - Analog Devices LTM4650 Datasheet HTML 8Page - Analog Devices LTM4650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM4660
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over specified internal
operating temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VINSNS = 54V, VOUT = 12V and EXTVCC = 12V
(see Note 4). Configured per Block Diagram circuit with no output load unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
l
30
60
V
VOUT(RANGE)
Output Voltage, Supported Range of
Regulation
VIN = 54V
l
4.5
18
V
VOUT(DC)
Output Voltage Variation
VOUT = 12V, IOUT = 15A (Notes 3, 5)
l
11.8
12
12.2
V
Input Specifications
VIN(UVLO)
Undervoltage Lockout Threshold
VIN Rising
Hysteresis
l
8.8
0.38
9.4
V
V
IS(VIN, FCM)
Input Supply Power Current, in Forced
Continuous Mode
MODE/PLLIN = 0V, IOUT = 0A (Note 6)
MODE/PLLIN = 0V, IOUT = 0.5A
38
150
mA
mA
IS(VIN, PS)
Input Supply Power Current, in Pulse-
Skipping Mode
MODE/PLLIN = INTVCC, IOUT = 0.5A
135
mA
IS(VIN, BM)
Input Supply Power Current, in Burst Mode MODE/PLLIN = Open Circuit, IOUT = 0.5A
120
mA
IS(VIN, SHUTDOWN) Input Supply Power Current in Shutdown
Shutdown, VRUN = 0V
300
μA
Output Specifications
IOUT(DC)
Output Continuous Current Range
(Note 3)
0
25
A
ΔVOUT/VOUT
Line Regulation Accuracy
30 ≤ VIN ≤ 60V, IOUT = 0A
0.003
0.2
%/V
Load Regulation Accuracy
IOUT =15A
30 ≤VIN ≤ 60V, 0A ≤ IOUT ≤ 25A (Note 7)
l
0.5
1.5
%
%
ΔVOUT(AC)
Output Voltage Ripple
150
mVP–P
fs
VOUT Ripple Frequency
RFREQ = 61.9kΩ, IOUT = 0A
450
kHz
tStart-Up
Turn-On Start-Up Time
Capacitor Balancing – Delay Measured from
Toggling RUN on to MID Reaching VIN/2,
CTIMER = 1.47µF, CMID and CFLY = 10µF ×12
Delay Measured from MID Reaching VIN/2 to
PGOOD Exceeding 3V, CTRACK/SS = 0.1µF
300
5
ms
ms
ΔVOUT(LS)
Peak Output Voltage Deviation for Dynamic
Load Step
Load: 0W to 150W in 1μs and 150W to 0W in 1μs
COUT =150µF ×2, 10µF ×3 (Note 7)
0.3
V
tSETTLE
Settling Time for Dynamic Load Step
Load: 0W to 150W in 1μs and 150W to 0W in 1μs
COUT =150µF ×2, 10µF ×3 (Note 7)
300
µs
Control Section
VVFB
Regulated VFB Pin Feedback Voltage
IOUT = 0A, VOUT = 12V
l
0.792
0.8
0.808
V
IVFB
VFB Pin Leakage Current
(Note 8)
±10
nA
ITRACK/SS
Soft-Start Charge Current
VTRACK/SS = 0V
–9
–10
–11
μA
Monitors
IVINSNS
VINSNS Bias Current
VRUN = 5V, Normal Mode
VRUN = 0V, Shutdown
1
45
mA
μA
RUN Enable Pins
VRUN
RUN Turn-On Threshold
VRUN Rising
l
1.1
1.3
1.6
V
VRUN, HYS
RUN Hysteresis
100
mV
IRUN
RUN Pull-Up Current
VRUN = 0V
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com