Electronic Components Datasheet Search
  English  ▼

X  

WKOSERIES Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WKOSERIES
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WKOSERIES Datasheet(HTML) 1 Page - Vishay Siliconix

  WKOSERIES Datasheet HTML 1Page - Vishay Siliconix WKOSERIES Datasheet HTML 2Page - Vishay Siliconix WKOSERIES Datasheet HTML 3Page - Vishay Siliconix WKOSERIES Datasheet HTML 4Page - Vishay Siliconix WKOSERIES Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WKO Series
www.vishay.com
Vishay Roederstein
Revision: 28-Jan-2022
1
Document Number: 22204
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EMI Suppression Capacitor, Ceramic Disc,
Class X1, 440 VAC, Class Y2, 300 VAC
LINKS TO ADDITIONAL RESOURCES
OPERATING TEMPERATURE RANGE
-40 °C to +125 °C (1)
Note
(1) For explanation about the difference of operating temperature
range and temperature characteristic of capacitance please see
www.vishay.com/doc?48299
TEMPERATURE CHARACTERISTICS
Class 1: N750
Class 2: Y5S, Y5T, Y5U
SECTIONAL SPECIFICATIONS
Climatic category (according to EN 60058-1)
Class 1: 40 / 125 / 21
Class 2: 40 / 125 / 21
APPROVALS
IEC 60384-14
UL 60384-14
CSA E60384-14
FEATURES
• Complying with IEC 60384-14
• High reliability
• Wide range of different leadstyles
• Singlelayer AC disc safety capacitors
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• X1, Y2 according to IEC 60384-14.4
• Line-to-line filtering (Class X)
• Line-to-ground filtering (Class Y)
• EMI / RFI suppression and filtering
• Primary and secondary coupling (SMPS)
DESIGN
The capacitors consist of ceramic disc both sides of which
are silver plated. Connection leads are made of tinned
copper having diameters of 0.6 mm or 0.8 mm.
The capacitors may be supplied with straight or kinked
leads having a lead spacing of 7.5 mm or 12.5 mm.
Coating is made of blue colored flame retardant epoxy resin
in accordance with UL 94 V-0.
CAPACITANCE RANGE
33 pF to 4.7 nF
TOLERANCE ON CAPACITANCE
± 10 %, ± 20 %
RATED VOLTAGE
• X1: 440 VAC, 50 Hz (IEC 60384-14)
440 VAC, 50 Hz / 60 Hz (US/UL/CSA 60384-14)
• Y2: 300 VAC, 50 Hz (IEC 60384-14)
300 VAC, 50 Hz / 60 Hz (US/UL/CSA 60384-14)
TEST VOLTAGE
• 2600 VAC, 50 Hz, 2 s
Component test (100 %)
• 2600 VAC, 50 Hz, 60 s Random sampling test (destructive)
• 2600 VAC, 50 Hz, 60 s Voltage proof of coating (destructive)
INSULATION RESISTANCE AT 500 VDC
≥ 6000 MΩ (60 s)
DISSIPATION FACTOR
Class 1: max. 0.5 % (1 MHz)
Class 2: max. 2.5 % (1 kHz)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
2
Ceramic Dielectric
N750
N750
Y5S,
Y5T,
Y5U
Y5S,
Y5T,
Y5U
Voltage (VAC)
300
440
300
440
Min. Capacitance (pF)
33
68
Max. Capacitance (pF)
47
4700
Mounting
Radial
333
DDD3 D
3D Models


Similar Part No. - WKOSERIES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKO VISHAY-WKO Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
WKO101 VISHAY-WKO101 Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
WKO102 VISHAY-WKO102 Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
WKO151 VISHAY-WKO151 Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
WKO152 VISHAY-WKO152 Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
More results

Similar Description - WKOSERIES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKO VISHAY-WKO Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VKO VISHAY-VKO Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
22-Mar-2021
VKO472MCQCF0KR VISHAY-VKO472MCQCF0KR Datasheet
147Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY2 VISHAY-VY2_V01 Datasheet
173Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
WYO VISHAY-WYO_V01 Datasheet
166Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
28-Jan-2022
25Y VISHAY-25Y Datasheet
169Kb / 7P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC INSULATION RESISTANCE
23-Jul-2021
30LV VISHAY-30LV Datasheet
169Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
30-Sep-2021
VY2 VISHAY-VY2 Datasheet
172Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com