Electronic Components Datasheet Search
  English  ▼

X  

WKOSERIES Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WKOSERIES
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WKOSERIES Datasheet(HTML) 2 Page - Vishay Siliconix

  WKOSERIES Datasheet HTML 1Page - Vishay Siliconix WKOSERIES Datasheet HTML 2Page - Vishay Siliconix WKOSERIES Datasheet HTML 3Page - Vishay Siliconix WKOSERIES Datasheet HTML 4Page - Vishay Siliconix WKOSERIES Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WKO Series
www.vishay.com
Vishay Roederstein
Revision: 28-Jan-2022
2
Document Number: 22204
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Capacitance values from 1 nF to 4.7 nF: the alternative usage of VKO series is recommended for new application
(2) Standard lead configuration, other lead spacing and diameter available on request
DIMENSIONS in millimeters
TECHNICAL DATA
CAPACITANCE (1)
C (pF)
CAPACITANCE
TOLERANCE
BODY
DIAMETER
DMAX. (mm)
BODY
THICKNESS
SMAX. (mm)
LEAD
SPACING (2)
F (mm)
± 1 mm
LEAD
DIAMETER (2)
d (mm)
± 0.05 mm
WIDTH (2)
V (mm)
± 0.5 mm
PART NUMBER
MISSING DIGITS
SEE ORDERING
CODE BELOW
N750
33
± 10 %,
± 20 %
8.0
5.0
7.5
0.6
1.6
WKO330#CP###KR
47
WKO470#CP###KR
Y5S
68
± 10 %,
± 20 %
8.0
5.0
7.5
0.6
1.9
WKO680#CP###KR
100
WKO101#CP###KR
Y5T
150
± 10 %,
± 20 %
8.0
5.0
7.5
0.6
1.9
WKO151#CP###KR
220
WKO221#CP###KR
330
WKO331#CP###KR
Y5U
470
± 10 %,
± 20 %
8.0
5.0
7.5
0.6
2.0
WKO471#CP###KR
680
9.0
WKO681#CP###KR
1000
10.0
0.8
1.6
WKO102#CP###KR
1500
12.0
WKO152#CP###KR
2200
13.0
WKO222#CP###KR
3300
15.0
WKO332#CP###KR
3900
16.0
WKO392#CP###KR
4700
18.0
12.5
WKO472#CP###KR
ORDERING CODE
#7th digit
Capacitance tolerance
± 10 % = K, ± 20 % = M
###
10th to 12th digit
Lead configuration
See “General Information” www.vishay.com/doc?22001
Example
WKO
222
M
CP
CJ0
K
R
Series
Capacitance
value
Tolerance code
Voltage code
Lead
configuration
Internal code
RoHS compliant
MARKING
S
max.
Ø d ± 0.05
V
F
D
max.
30 - 3
or 10 ± 1
WKO 33 pF to 1.0 nF
WKO 1.5 nF to 4.7 nF
300~Y2
440~X1
33p M
WKO 2n2 M
440 300 250~
X1 Y2
IEC 384-14
WKO



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com