Electronic Components Datasheet Search
  English  ▼

X  

WKOSERIES Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WKOSERIES
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WKOSERIES Datasheet(HTML) 3 Page - Vishay Siliconix

  WKOSERIES Datasheet HTML 1Page - Vishay Siliconix WKOSERIES Datasheet HTML 2Page - Vishay Siliconix WKOSERIES Datasheet HTML 3Page - Vishay Siliconix WKOSERIES Datasheet HTML 4Page - Vishay Siliconix WKOSERIES Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WKO Series
www.vishay.com
Vishay Roederstein
Revision: 28-Jan-2022
3
Document Number: 22204
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AC CURRENT VS. VOLTAGE (typical)
IMPEDANCE VS. FREQUENCY (typical)
STORAGE
The capacitors must not be stored in a corrosive atmosphere, where sulphide or chloride gas, acid, alkali or salt are present.
Exposure of the components to moisture, should be avoided. The solderability of the leads is not affected by storage of up to
24 months (temperature +10 °C to +35 °C, relative humidity up to 60 %). Class 2 ceramic dielectric capacitors are also subject
to aging, see www.vishay.com/doc?22001.
SOLDERING
APPROVALS
IEC 60384-14 - Safety tests
This approval together with CB test certificate substitutes all national approvals.
CB Certificate (www.vishay.com/doc?22217)
Y2-capacitor: CB test certificate:
US-26157-UL
33 pF to 4.7 nF
300 VAC
X1-capacitor: CB test certificate:
US-26157-UL
33 pF to 4.7 nF
440 VAC
Minimum thickness of insulation: 0.4 mm
VDE (www.vishay.com/doc?22219)
Y2-capacitor: VDE marks approval:
136820
33 pF to 4.7 nF
300 VAC
X1-capacitor: VDE marks approval:
136820
33 pF to 4.7 nF
440 VAC
DIN EN 60384-14 (VDE 0565-1-1)
Minimum thickness of insulation: 0.4 mm
Underwriters Laboratories Inc. / Canadian Standards Association (www.vishay.com/doc?22218)
Y2-capacitor: UL-test certificate:
E183844
33 pF to 4.7 nF
300 VAC
X1-capacitor: UL-test certificate:
E183844
33 pF to 4.7 nF
440 VAC
UL 60384-14, CSA E60384-14
Minimum thickness of insulation: 0.4 mm
0
1000
2000
3000
0
500
1000
1500
2000
2500
U
R (V~)
1 nF
3.3 nF
4.7 nF
2.2 nF
0.01
0.1
1
10
1
10
100
1000
f (MHz)
SOLDERING SPECIFICATIONS
Soldering test for capacitors with wire leads: (according to IEC 60068-2-20, solder bath method)
SOLDERABILITY
RESISTANCE TO SOLDERING HEAT
Soldering temperature
235 °C ± 5 °C
260 °C ± 5 °C
Soldering duration
2 s ± 0.5 s
10 s ± 1 s
Distance from component body
≥ 2 mm
≥ 5 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com