Electronic Components Datasheet Search
  English  ▼

X  

MPC8308CVMADDA Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 19Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 20Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 21Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 22Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 23Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 24Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 25Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 26Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
Freescale Semiconductor
23
USB
9USB
9.1
USB Dual-Role controllers
This section provides the AC and DC electrical specifications for the USB-ULPI interface.
9.1.1
USB DC electrical characteristics
This table lists the DC electrical characteristics for the USB interface.
9.1.2
USB AC electrical specifications
This table lists the general timing parameters of the USB-ULPI interface.
Output clock to output valid
tGCLKNV
06
ns
—
Timer alarm to output valid
tTMRAL
——
—
2
Note:
1. The timer can operate on rtc_clock or tmr_clock. These clocks get muxed and any one of them can be selected.
2. Asynchronous signals.
3. Inputs need to be stable at least one TMR clock.
Table 30. USB DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2
LVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
IIN
—±5
A
High-level output voltage, IOH = –100 AVOH
LVDD – 0.2
—
V
Low-level output voltage, IOL = 100 AVOL
—0.2
V
Note:
1. The symbol VIN, in this case, represents the NVIN symbol referenced in Table 1 and Table 2.
Table 31. USB General Timing Parameters
Parameter
Symbol 1
Min
Max
Unit
Notes
USB clock cycle time
tUSCK
15
—
ns
1, 2
Input setup to USB clock—all inputs
tUSIVKH
4
—
ns
1, 4
Input hold to USB clock—all inputs
tUSIXKH
1
—
ns
1, 4
Table 29. IEEE 1588 Timer AC Specifications (continued)
Parameter
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com