Electronic Components Datasheet Search
  English  ▼

X  

MPC8308CVMADDA Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 32Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 33Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 34Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 35Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 36Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 37Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 38Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 39Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
36
Freescale Semiconductor
PCI Express
Absolute delta of DC
common mode voltage
during L0 and electrical idle
VTX-CM-DC- ACTIVE-
IDLE-DELTA
|VTX-CM-DC (during L0) - VTX-CM-Idle-DC
(During Electrical Idle)|<=100 mV
VTX-CM-DC = DC(avg) of |VTX-D+ +
VTX-D-|/2 [L0]
VTX-CM-Idle-DC = DC(avg) of |VTX-D+ +
VTX-D-|/2 [Electrical Idle]
0
—
100
mV
2
Absolute delta of DC
common mode between D+
and D–
VTX-CM-DC-LINE-
DELTA
|VTX-CM-DC-D+ - VTX-CM-DC-D-| <= 25 mV
VTX-CM-DC-D+ = DC(avg) of |VTX-D+|
VTX-CM-DC-D- = DC(avg) of |VTX-D-|
0—
25
mV
2
Electrical idle differential
peak output voltage
VTX-IDLE-DIFFp
VPEEIDPTX = |VTX-IDLE-D+ -VTX-IDLE-D-|
<= 20 mV
0—
20
mV
2
Amount of voltage change
allowed during receiver
detection
VTX-RCV-DETECT The total amount of voltage change that
a transmitter can apply to sense whether
a low impedance Receiver is present.
—600
—
mV
6
TX DC common mode
voltage
VTX-DC-CM
The allowed DC Common Mode voltage
under any conditions.
—3.6
—
V
6
TX short circuit current limit
ITX-SHORT
The total current the Transmitter can
provide when shorted to its ground
——
90
mA
—
Minimum time spent in
electrical idle
TTX-IDLE-MIN
Minimum time a Transmitter must be in
Electrical Idle Utilized by the Receiver to
start looking for an Electrical Idle Exit
after successfully receiving an Electrical
Idle ordered set
50
—
—
UI
—
Maximum time to transition
to a valid electrical idle after
sending an electrical idle
ordered set
TTX-IDLE-SET-TO-ID
LE
After sending an Electrical Idle ordered
set, the Transmitter must meet all
Electrical Idle Specifications within this
time. This is considered a debounce time
for the Transmitter to meet Electrical Idle
after transitioning from L0.
——
20
UI
—
Maximum time to transition
to valid TX specifications
after leaving an electrical
idle condition
TTX-IDLE-TO-DIFF-D
ATA
Maximum time to meet all TX
specifications when transitioning from
Electrical Idle to sending differential
data. This is considered a debounce
time for the TX to meet all TX
specifications after leaving Electrical Idle
——
20
UI
—
Differential return loss
RLTX-DIFF
Measured over 50 MHz to 1.25 GHz.
12
—
—
dB
4
Common mode return loss
RLTX-CM
Measured over 50 MHz to 1.25 GHz.
6
—
—
dB
4
DC differential TX
impedance
ZTX-DIFF-DC
TX DC Differential mode Low
Impedance
80
100
120
—
Transmitter DC impedance
ZTX-DC
Required TX D+ as well as D- DC
Impedance during all states
40
—
—
—
Lane-to-Lane output skew
LTX-SKEW
Static skew between any two Transmitter
Lanes within a single Link
—
—
500 + 2
UI
ps
—
Table 34. Differential Transmitter (TX) Output Specifications (continued)
Parameter
Symbol
Comments
Min
Typical
Max
Units Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com