Electronic Components Datasheet Search
  English  ▼

X  

MPC8360ECVVALFHA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC8360ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC8360ECVVALFHA Datasheet HTML 1Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 2Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 3Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 4Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 5Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 6Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 7Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 8Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
3
This figure shows the MPC8358E block diagram.
Figure 2. MPC8358E Block Diagram
Major features of the MPC8360E/58E are as follows:
•
e300 PowerPC processor core (enhanced version of the MPC603e core)
— Operates at up to 667 MHz (for the MPC8360E) and 400 MHz (for the MPC8358E)
— High-performance, superscalar processor core
— Floating-point, integer, load/store, system register, and branch processing units
— 32-Kbyte instruction cache, 32-Kbyte data cache
— Lockable portion of L1 cache
— Dynamic power management
— Software-compatible with the Freescale processor families implementing the Power Architecture™ technology
•
QUICC Engine unit
— Two 32-bit RISC controllers for flexible support of the communications peripherals, each operating up to
500 MHz (for the MPC8360E) and 400 MHz (for the MPC8358E)
— Serial DMA channel for receive and transmit on all serial channels
— QUICC Engine module peripheral request interface (for SEC, PCI, IEEE Std. 1588™)
— Eight universal communication controllers (UCCs) on the MPC8360E and six UCCs on the MPC8358E
supporting the following protocols and interfaces (not all of them simultaneously):
–
IEEE 1588 protocol supported
Memory Controllers
GPCM/UPM/SDRAM
32/64 DDR Interface Unit
PCI Bridge
Local Bus
Bus Arbitration
DUART
Dual I2C
4 Channel DMA
Interrupt Controller
Protection & Configuration
System Reset
Clock Synthesizer
System Interface Unit
(SIU)
Local
Baud Rate
Generators
Multi-User
RAM
Parallel I/O
Accelerators
Dual 32-Bit RISC CP
Serial DMA
&
2 Virtual
DMAs
2 GMII/
RGMII/TBI/RTBI
6 MII/
RMII
4 TDM Ports
1 UTOPIA/POS
(31/124 MPHY)
Serial Interface
QUICC Engine Module
JTAG/COP
Power
Management
Timers
FPU
Classic G2 MMUs
32KB
D-Cache
32KB
I-Cache
Security Engine
e300 Core
PCI
DDRC
Time Slot Assigner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com