Electronic Components Datasheet Search
  English  ▼

X  

MPC8360ECVVALFHA Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MPC8360ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 45Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 46Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 47Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 48Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 49Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 50Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 51Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 52Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
49
PCI DC Electrical Characteristics
This figure provides the AC test load for the I2C.
Figure 34. I2C AC Test Load
This figure shows the AC timing diagram for the I2C bus.
Figure 35. I2C Bus AC Timing Diagram
12
PCI
This section describes the DC and AC electrical specifications for the PCI bus of the MPC8360E/58E.
12.1
PCI DC Electrical Characteristics
This table provides the DC electrical characteristics for the PCI interface of the device.
12.2
PCI AC Electrical Specifications
This section describes the general AC timing parameters of the PCI bus of the device. Note that the PCI_CLK or PCI_SYNC_IN
signal is used as the PCI input clock depending on whether the device is configured as a host or agent device. This table provides
the PCI AC timing specifications at 66 MHz.
.
Table 46. PCI DC Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Max
Unit
High-level input voltage
VIH
VOUT ≥ VOH (min) or
0.5
× OVDD
OVDD + 0.5
V
Low-level input voltage
VIL
VOUT ≤VOL (max)
-0.5
0.3
× OVDD
V
High-level output voltage
VOH
IOH = –500 μA0.9 × OVDD
—V
Low-level output voltage
VOL
IOL = 1500 μA
—
0.1
× OVDD
V
Input current
IIN
0 V
≤VIN1 ≤OVDD
—±10
μA
Table 47. PCI AC Timing Specifications at 66 MHz
Parameter
Symbol1
Min
Max
Unit
Notes
Clock to output valid
tPCKHOV
—6.0
ns
2, 5
Output hold from clock
tPCKHOX
1—
ns
2
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
Sr
S
SDA
SCL
tI2CF
tI2SXKL
tI2CL
tI2CH
tI2DXKL
tI2DVKH
tI2SXKL
tI2SVKH
tI2KHKL
tI2PVKH
tI2CR
tI2CF
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com