Electronic Components Datasheet Search
  English  ▼

X  

MPC8360ECVVALFHA Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC8360ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 2Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 3Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 4Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 5Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 6Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 7Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 8Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 9Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
6
Freescale Semiconductor
— DRAM chip configurations from 64 Mbits to 1 Gigabit with ×8/×16 data ports
— Full ECC support (when the MPC8360E is configured as 2×32-bit DDR memory controllers, both support ECC)
— Page mode support (up to 16 simultaneous open pages for DDR1, up to 32 simultaneous open pages for DDR2)
— Contiguous or discontiguous memory mapping
— Read-modify-write support
— Sleep mode support for self refresh SDRAM
— Supports auto refreshing
— Supports source clock mode
— On-the-fly power management using CKE
— Registered DIMM support
— 2.5-V SSTL2 compatible I/O for DDR1, 1.8-V SSTL2 compatible I/O for DDR2
— External driver impedance calibration
— On-die termination (ODT)
•
PCI interface
— PCI Specification Revision 2.3 compatible
— Data bus widths:
–
Single 32-bit data PCI interface that operates at up to 66 MHz
— PCI 3.3-V compatible (not 5-V compatible)
— PCI host bridge capabilities on both interfaces
— PCI agent mode supported on PCI interface
— Support for PCI-to-memory and memory-to-PCI streaming
— Memory prefetching of PCI read accesses and support for delayed read transactions
— Support for posting of processor-to-PCI and PCI-to-memory writes
— On-chip arbitration, supporting five masters on PCI
— Support for accesses to all PCI address spaces
— Parity support
— Selectable hardware-enforced coherency
— Address translation units for address mapping between host and peripheral
— Dual address cycle supported when the device is the target
— Internal configuration registers accessible from PCI
•
Local bus controller (LBC)
— Multiplexed 32-bit address and data operating at up to 133 MHz
— Eight chip selects support eight external slaves
— Up to eight-beat burst transfers
— 32-, 16-, and 8-bit port sizes are controlled by an on-chip memory controller
— Three protocol engines available on a per chip select basis:
–
General-purpose chip select machine (GPCM)
–
Three user programmable machines (UPMs)
–
Dedicated single data rate SDRAM controller
— Parity support
— Default boot ROM chip select with configurable bus width (8-, 16-, or 32-bit)
•
Programmable interrupt controller (PIC)
— Functional and programming compatibility with the MPC8260 interrupt controller
— Support for 8 external and 35 internal discrete interrupt sources
— Support for one external (optional) and seven internal machine checkstop interrupt sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com