Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 5 Page - NXP Semiconductors

  MMPF0100 Datasheet HTML 1Page - NXP Semiconductors MMPF0100 Datasheet HTML 2Page - NXP Semiconductors MMPF0100 Datasheet HTML 3Page - NXP Semiconductors MMPF0100 Datasheet HTML 4Page - NXP Semiconductors MMPF0100 Datasheet HTML 5Page - NXP Semiconductors MMPF0100 Datasheet HTML 6Page - NXP Semiconductors MMPF0100 Datasheet HTML 7Page - NXP Semiconductors MMPF0100 Datasheet HTML 8Page - NXP Semiconductors MMPF0100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 137 page
background image
NXP Semiconductors
5
PF0100
ORDERABLE PARTS
1.1
PF0100 version differences
PF0100A is an improved version of the PF0100 power management IC. Table 2 summarizes the difference between the two versions and
should be referred to when migrating from the PF0100 to the PF0100A. Note that programming options are the same for both versions of
the device.
In addition to the version differences, Table 3 shows the differences on the test temperature rating for each version of PF0100 covered
on this datasheet.
Table 2. Differences between PF0100 and PF0100A
Description
PF0100
PF0100A
Version identification
Reading SILICON REV register at address 0x03
returns 0x11. DEVICEID register at address 0x00
reads 0x10 in PF0100 and PF0100A
Reading SILICON REV register at address 0x03
returns 0x21. DEVICEID register at address 0x00
reads 0x10 in PF0100 and PF0100A
VSNVS current limit
VSNVS current limit increased in the PF0100A
OTP_FUSE_PORx register setting during OTP
programming
In the PF0100, FUSE_POR1, FUSE_POR2, and
FUSE_POR3 bits are XOR’ed into the
FUSE_POR_XOR bit. The FUSE_POR_XOR bit
has to be 1 for fuses to be loaded during startup.
This can be achieved by setting any one or all of the
FUSE_PORx bits during OTP programming.
In the PF0100A, the XOR function is removed. It is
required to set FUSE_POR1, FUSE_POR2, and
FUSE_POR3 bits during OTP programming.
Erratum ER19
Erratum ER19 applicable to PF0100. Applications
expecting to operate in the conditions mentioned in
ER19 need to implement an external workaround to
overcome the problem. Refer to the product errata
for details
Errata ER19 fixed in PF0100A. External
workaround not required
Erratum ER20
Erratum ER20 applicable to PF0100
Errata ER20 fixed in PF0100A
Erratum ER22
Erratum ER22 applicable to PF0100
Errata ER22 fixed in PF0100A. Workaround not
required
Table 3. Ambient temperature range
Device
Qualification tier
Ambient temperature range
(TMIN to TMAX)
MMPF0100
Consumer and Industrial
TA = -40 °C to 85 °C
MMPF0100A
Consumer
TA = -40 °C to 85 °C
MMPF0100AN
Extended Industrial
TA = -40 °C to 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com