Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 59Page - NXP Semiconductors MMPF0100 Datasheet HTML 60Page - NXP Semiconductors MMPF0100 Datasheet HTML 61Page - NXP Semiconductors MMPF0100 Datasheet HTML 62Page - NXP Semiconductors MMPF0100 Datasheet HTML 63Page - NXP Semiconductors MMPF0100 Datasheet HTML 64Page - NXP Semiconductors MMPF0100 Datasheet HTML 65Page - NXP Semiconductors MMPF0100 Datasheet HTML 66Page - NXP Semiconductors MMPF0100 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 137 page
background image
NXP Semiconductors
63
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
38
0100110
1.3500
102
1100110
2.7000
39
0100111
1.3750
103
1100111
2.7500
40
0101000
1.4000
104
1101000
2.8000
41
0101001
1.4250
105
1101001
2.8500
42
0101010
1.4500
106
1101010
2.9000
43
0101011
1.4750
107
1101011
2.9500
44
0101100
1.5000
108
1101100
3.0000
45
0101101
1.5250
109
1101101
3.0500
46
0101110
1.5500
110
1101110
3.1000
47
0101111
1.5750
111
1101111
3.1500
48
0110000
1.6000
112
1110000
3.2000
49
0110001
1.6250
113
1110001
3.2500
50
0110010
1.6500
114
1110010
3.3000
51
0110011
1.6750
115
1110011
Reserved
52
0110100
1.7000
116
1110100
Reserved
53
0110101
1.7250
117
1110101
Reserved
54
0110110
1.7500
118
1110110
Reserved
55
0110111
1.7750
119
1110111
Reserved
56
0111000
1.8000
120
1111000
Reserved
57
0111001
1.8250
121
1111001
Reserved
58
0111010
1.8500
122
1111010
Reserved
59
0111011
1.8750
123
1111011
Reserved
60
0111100
1.9000
124
1111100
Reserved
61
0111101
1.9250
125
1111101
Reserved
62
0111110
1.9500
126
1111110
Reserved
63
0111111
1.9750
127
1111111
Reserved
Notes
53.
For voltages less than 2.0 V, only use set points 0 to 63.
Table 65. SW3A/B output voltage configuration
Low output voltage range (53)
High output voltage range
Set point
SW3x[6:0]
SW3x output
Set point
SW3x[6:0]
SW3x output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com