Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 86Page - NXP Semiconductors MMPF0100 Datasheet HTML 87Page - NXP Semiconductors MMPF0100 Datasheet HTML 88Page - NXP Semiconductors MMPF0100 Datasheet HTML 89Page - NXP Semiconductors MMPF0100 Datasheet HTML 90Page - NXP Semiconductors MMPF0100 Datasheet HTML 91Page - NXP Semiconductors MMPF0100 Datasheet HTML 92Page - NXP Semiconductors MMPF0100 Datasheet HTML 93Page - NXP Semiconductors MMPF0100 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 137 page
background image
90
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.5.4
VGEN4
Table 105. VGEN4 electrical characteristics
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN2 = 3.6 V, VGEN4[3:0] = 1111, IGEN4 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN2 = 3.6 V, VGEN4[3:0] = 1111,
IGEN4 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN4
VIN2
Operating input voltage
• 1.8 V
≤ VGEN4NOM ≤ 2.5 V
• 2.6 V
≤ VGEN4NOM ≤ 3.3 V
2.8
VGEN4NO
M+ 0.250
–
–
3.6
3.6
V—
(70)
VGEN4NOM
Nominal output voltage
–
Table 93
–V
IGEN4
Operating load current
0.0
–
350
mA
VGEN4 DC
VGEN4TOL
Output voltage tolerance
• VIN2MIN < VIN2 < 3.6 V
• 0.0 mA < IGEN4 < 350 mA
• VGEN4[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN4LOR
Load regulation
• (VGEN4 at IGEN4 = 350 mA) - (VGEN4 at IGEN4 = 0.0 mA )
• For any VIN2MIN < VIN2 < 3.6 V
–
0.07
–
mV/mA
VGEN4LIR
Line regulation
• (VGEN4 at 3.6 V) - (VGEN4 at VIN2MIN)
• For any 0.0 mA < IGEN4 < 350 mA
–
0.80
–
mV/mA
IGEN4LIM
Current limit
• IGEN4 when VGEN4 is forced to VGEN4NOM/2
435
584.5
700
mA
IGEN4OCP
Overcurrent protection threshold
• IGEN4 required to cause the SCP function to disable LDO when
REGSCPEN = 1
420
–
700
mA
IGEN4Q
Quiescent current
• No load, Change in IVIN and IVIN2
• When VGEN4 enabled
–13
–
μA
VGEN4 AC and transient
PSRRVGEN4
PSRR
•IGEN4 = 262.5 mA, 20 Hz to 20 kHz
• VGEN4[3:0] = 0000 - 1110, VIN2 = VIN2MIN + 100 mV
• VGEN4[3:0] = 0000 - 1000, VIN2 = VGEN4NOM + 1.0 V
35
55
40
60
–
–
dB
(71)
NOISEVGEN4
Output noise density
•VIN2 = VIN2MIN, IGEN4 = 262.5 mA
• 100 Hz – <1.0 kHz
• 1.0 kHz – <10 kHz
• 10 kHz – 1.0 MHz
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
√Hz
SLWRVGEN4
Turn-on slew rate
• 10% to 90% of end value
•VIN2MIN ≤ VIN2 ≤ 3.6 V, IGEN4 = 0.0 mA
• VGEN4[3:0] = 0000 to 0011
• VGEN4[3:0] = 0100 to 0111
• VGEN4[3:0] = 1000 to 1011
• VGEN4[3:0] = 1100 to 1111
–
–
–
–
–
–
–
–
22.0
26.5
30.5
34.5
mV
/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com