Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 110 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 106Page - NXP Semiconductors MMPF0100 Datasheet HTML 107Page - NXP Semiconductors MMPF0100 Datasheet HTML 108Page - NXP Semiconductors MMPF0100 Datasheet HTML 109Page - NXP Semiconductors MMPF0100 Datasheet HTML 110Page - NXP Semiconductors MMPF0100 Datasheet HTML 111Page - NXP Semiconductors MMPF0100 Datasheet HTML 112Page - NXP Semiconductors MMPF0100 Datasheet HTML 113Page - NXP Semiconductors MMPF0100 Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 137 page
background image
110
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
38
SW2MODE
R/W
8'b0000_1000
––
SW2OMODE
–
SW2MODE[3:0]
00
0
0
1
0
0
0
39
SW2CONF
R/W
8'bxx01_xx00
SW2DVSSPEED[1:0]
SW2PHASE[1:0]
SW2FREQ[1:0]
–
SW2ILIM
xx
0
1
x
x
0
0
3C
SW3AVOLT
R/W
8'b0xxx_xxxx
–
SW3A[6:0]
0
x
x
xxx
x
x
3D
SW3ASTBY
R/W
8'b0xxx_xxxx
–
SW3ASTBY[6:0]
0
x
x
xxx
x
x
3E
SW3AOFF
R/W
8'b0xxx_xxxx
–
SW3AOFF[6:0]
0
x
x
xxx
x
x
3F
SW3AMODE
R/W
8'b0000_1000
SW3AOMODE
–
SW3AMODE[3:0]
00
0
0
1
0
0
0
40
SW3ACONF
R/W
8'bxx10_xx00
SW3ADVSSPEED[1:0]
SW3APHASE[1:0]
SW3AFREQ[1:0]
–
SW3AILIM
xx
1
0
x
x
0
0
43
SW3BVOLT
R/W
8'b0xxx_xxxx
–
SW3B[6:0]
0
x
x
xxx
x
x
44
SW3BSTBY
R/W
8'b0xxx_xxxx
–
SW3BSTBY[6:0]
0
x
x
xxx
x
x
45
SW3BOFF
R/W
8'b0xxx_xxxx
–
SW3BOFF[6:0]
0
x
x
xxx
x
x
46
SW3BMODE
R/W
8'b0000_1000
––
SW3BOMODE
–
SW3BMODE[3:0]
00
0
0
1
0
0
0
47
SW3BCONF
R/W
8'bxx10_xx00
SW3BDVSSPEED[1:0]
SW3BPHASE[1:0]
SW3BFREQ[1:0]
–
SW3BILIM
xx
1
0
x
x
0
0
4A
SW4VOLT
R/W
8'b0xxx_xxxx
–
SW4[6:0]
0
x
x
xxx
x
x
4B
SW4STBY
R/W
8'b0xxx_xxxx
–
SW4STBY[6:0]
0
x
x
xxx
x
x
4C
SW4OFF
R/W
8'b0xxx_xxxx
–
SW4OFF[6:0]
0
x
x
xxx
x
x
4D
SW4MODE
R/W
8'b0000_1000
––
SW4OMODE
–
SW4MODE[3:0]
00
0
0
1
0
0
0
4E
SW4CONF
R/W
8'bxx11_xx00
SW4DVSSPEED[1:0]
SW4PHASE[1:0]
SW4FREQ[1:0]
–
SW4ILIM
xx
1
1
x
x
0
0
Table 136. Functional page (continued)
BITS[7:0]
Add
Register name R/W
Default
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com