Electronic Components Datasheet Search
  English  ▼

X  

MPC5643L Datasheet(PDF) 126 Page - NXP Semiconductors

Part # MPC5643L
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5643L Datasheet(HTML) 126 Page - NXP Semiconductors

Back Button MPC5643L Datasheet HTML 122Page - NXP Semiconductors MPC5643L Datasheet HTML 123Page - NXP Semiconductors MPC5643L Datasheet HTML 124Page - NXP Semiconductors MPC5643L Datasheet HTML 125Page - NXP Semiconductors MPC5643L Datasheet HTML 126Page - NXP Semiconductors MPC5643L Datasheet HTML 127Page - NXP Semiconductors MPC5643L Datasheet HTML 128Page - NXP Semiconductors MPC5643L Datasheet HTML 129Page - NXP Semiconductors MPC5643L Datasheet HTML 130Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Ordering information
NXP Semiconductors
126
SPC5643LFAMLL6R
1 MB/128 KB
100 LQFP (Pb free)
64
FlexRay
–40–125
°C
SPC5643LFAMLQ1
1 MB/128 KB
144 LQFP (Pb free)
120
FlexRay
–40–125
°C
SPC5643LFAMLQ1R
1 MB/128 KB
144 LQFP (Pb free)
120
FlexRay
–40–125
°C
SPC5643LFAMMM1
1 MB/128 KB
257 MAPBGA (Pb free)
120
FlexRay
–40–125
°C
SPC5643LFAMMM1R
1 MB/128 KB
257 MAPBGA (Pb free)
120
FlexRay
–40–125
°C
SPC5643LFF2MLL6
1 MB/128 KB
100 LQFP (Pb free)
64
FlexRay
–40–125
°C
SPC5643LFF2MLQ1
1 MB/128 KB
144 LQFP (Pb free)
120
FlexRay
–40–125
°C
SPC5643LFF2MLQ1R
1 MB/128 KB
144 LQFP (Pb free)
120
FlexRay
–40–125
°C
SPC5643LFF2MMM1
1 MB/128 KB
257 MAPBGA (Pb free)
120
FlexRay
–40–125
°C
SPC5643LFF2MMM1R
1 MB/128 KB
257 MAPBGA (Pb free)
120
FlexRay
–40–125
°C
SPC5643LFK0MLL6
1 MB/128 KB
100 LQFP (Pb free)
64
FlexRay
–40–125
°C
SPC5643LFK0MLL6R
1 MB/128 KB
100 LQFP (Pb free)
64
FlexRay
–40–125
°C
SPC5643LFK0MLQ1
1 MB/128 KB
144 LQFP (Pb free)
120
FlexRay
–40–125
°C
SPC5643LFK0MLQ1R
1 MB/128 KB
144 LQFP (Pb free)
120
FlexRay
–40–125
°C
SPC5643LFK0MMM1
1 MB/128 KB
257 MAPBGA (Pb free)
120
FlexRay
–40–125
°C
SPC5643LFK0MMM1R
1 MB/128 KB
257 MAPBGA (Pb free)
120
FlexRay
–40–125
°C
SPC5643LK0MLL6
1 MB/128 KB
100 LQFP (Pb free)
64
–40–125
°C
SPC5643LK0MLQ1
1 MB/128 KB
144 LQFP (Pb free)
120
–40–125
°C
SPC5643LK0MLQ1R
1 MB/128 KB
144 LQFP (Pb free)
120
–40–125
°C
SPC5643LK0MLQ8
1 MB/128 KB
144 LQFP (Pb free)
120
–40–125
°C
SPC5643LK0MMM1
1 MB/128 KB
257 MAPBGA (Pb free)
120
–40–125
°C
1 All packaged devices are SPC, rather than MPC or SPC, until product qualifications are complete.
The unpackaged device prefix is PCC, rather than SCC, until product qualification is complete.
Not all configurations are available in the SPC parts.
2 This speed rating does not include the ±2% for frequency modulation.
Table 40. Orderable part number summary (continued)
Part number1
Flash/SRAM
Package
Speed
(MHz)2
Other features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com