Electronic Components Datasheet Search
  English  ▼

X  

MPC5645B Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MPC5645B
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5645B Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MPC5645B Datasheet HTML 39Page - NXP Semiconductors MPC5645B Datasheet HTML 40Page - NXP Semiconductors MPC5645B Datasheet HTML 41Page - NXP Semiconductors MPC5645B Datasheet HTML 42Page - NXP Semiconductors MPC5645B Datasheet HTML 43Page - NXP Semiconductors MPC5645B Datasheet HTML 44Page - NXP Semiconductors MPC5645B Datasheet HTML 45Page - NXP Semiconductors MPC5645B Datasheet HTML 46Page - NXP Semiconductors MPC5645B Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
43
NOTE
SRAM retention guaranteed to LVD levels.
VIN
SR Voltage on any GPIO pin with
respect to ground (VSS_HV)
—VSS_HV –0.1
—
V
Relative to
VDD_HV_A/HV_B
—VDD_HV_A/HV_B
+0.1
IINJPAD
SR Injected input current on any pin
during overload condition
—–5
5
mA
IINJSUM
SR Absolute sum of all injected input
currents during overload condition
—
–50
50
TVDD
SR VDD_HV_A slope to ensure correct
power up8
——
0.5
V/µs
—
0.5
—
V/min
TA C-Grade Part SR Ambient temperature under bias
—
−40
85
°C
TJ C-Grade Part SR Junction temperature under bias
—
−40
110
TA V-Grade Part SR Ambient temperature under bias
—
−40
105
TJ V-Grade Part SR Junction temperature under bias
—
−40
130
TA M-Grade Part SR Ambient temperature under bias
—
−40
125
TJ M-Grade Part SR Junction temperature under bias
—
−40
150
1 100 nF EMI capacitance need to be provided between each VDD/VSS_HV pair.
2 Full device operation is guaranteed by design from 3.0 V–5.5 V. OSC functionality is guaranteed from the entire
range 3.0V–5.5 V, the parametrics measured are at 3.0V and 5.5V (extreme voltage ranges to cover the range of
operation). The parametrics might have some variation in the intermediate voltage range, but there is no impact to
functionality.
3 100 nF EMI capacitance needs to be provided between each VDD_LV/VSS_LV supply pair. 10 µF bulk capacitance
needs to be provided as CREG on each VDD_LV pin.
4 This voltage is internally generated by the device and no external voltage should be supplied.
5 100 nF capacitance needs to be provided between V
DD_HV_(ADC0/ADC1)/VSS_HV_(ADC0/ADC1) pair.
6 Both the relative and the fixed conditions must be met. For instance: If V
DD_HV_A is 5.9 V, VDD_HV_ADC0 maximum
value is 6.0 V then, despite the relative condition, the max value is VDD_HV_A +0.3 =6.2 V.
7 PA3, PA7, PA10, PA11 and PE12 ADC_1 channels are coming from V
DD_HV_B domain hence VDD_HV_ADC1
should be within ±100 mV of VDD_HV_B when these channels are used for ADC_1.
8 Guaranteed by device validation.
Table 10. Recommended operating conditions (5.0 V) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com