Electronic Components Datasheet Search
  English  ▼

X  

MPC5645B Datasheet(PDF) 84 Page - NXP Semiconductors

Part # MPC5645B
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5645B Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button MPC5645B Datasheet HTML 80Page - NXP Semiconductors MPC5645B Datasheet HTML 81Page - NXP Semiconductors MPC5645B Datasheet HTML 82Page - NXP Semiconductors MPC5645B Datasheet HTML 83Page - NXP Semiconductors MPC5645B Datasheet HTML 84Page - NXP Semiconductors MPC5645B Datasheet HTML 85Page - NXP Semiconductors MPC5645B Datasheet HTML 86Page - NXP Semiconductors MPC5645B Datasheet HTML 87Page - NXP Semiconductors MPC5645B Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Electrical Characteristics
NXP Semiconductors
84
Figure 24. MII serial management channel timing diagram
Table 47. MII serial management channel timing1
1 Output pads configured with SRE = 0b11.
Spec
Characteristic
Min
Max
Unit
M10
MDC falling edge to
MDIO output invalid
(minimum
propagation delay)
0—
ns
M11
MDC falling edge to
MDIO output valid
(max prop delay)
—25
ns
M12
MDIO (input) to MDC
rising edge setup
28
—
ns
M13
MDIO (input) to MDC
rising edge hold
0—
ns
M14
MDC pulse width
high
40%
60%
MDC period
M15
MDC pulse width low
40%
60%
MDC period
M11
MDC (output)
MDIO (output)
M12
M13
MDIO (input)
M10
M14
M15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com