Electronic Components Datasheet Search
  English  ▼

X  

MPC5645B Datasheet(PDF) 73 Page - NXP Semiconductors

Part # MPC5645B
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5645B Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button MPC5645B Datasheet HTML 69Page - NXP Semiconductors MPC5645B Datasheet HTML 70Page - NXP Semiconductors MPC5645B Datasheet HTML 71Page - NXP Semiconductors MPC5645B Datasheet HTML 72Page - NXP Semiconductors MPC5645B Datasheet HTML 73Page - NXP Semiconductors MPC5645B Datasheet HTML 74Page - NXP Semiconductors MPC5645B Datasheet HTML 75Page - NXP Semiconductors MPC5645B Datasheet HTML 76Page - NXP Semiconductors MPC5645B Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
73
path to ground. For instance, assuming a conversion rate of 1MHz, with CS+Cp2 equal to 3pF, a resistance of 330KΩ is obtained
(Reqiv = 1 / (fc*(CS+Cp2)), where fc represents the conversion rate at the considered channel). To minimize the error induced
by the voltage partitioning between this resistance (sampled voltage on CS+Cp2) and the sum of RS + RF, the external circuit
must be designed to respect the following relation
Eqn. 4
The formula above provides a constraint for external network design, in particular on resistive path.
Figure 16. Input equivalent circuit
VA
RS RF
+
REQ
---------------------
•
1
2
---LSB
<
RF
CF
RS
RL
RSW
CP2
CS
VDD
Sampling
Source
Filter
Current Limiter
EXTERNAL CIRCUIT
INTERNAL CIRCUIT SCHEME
RS
Source Impedance
RF
Filter Resistance
CF
Filter Capacitance
RL
Current Limiter Resistance
RSW Channel Selection Switch Impedance
RAD
Sampling Switch Impedance
CP
Pin Capacitance (two contributions, CP1 and CP2)
CS
Sampling Capacitance
CP1
RAD
Channel
Selection
VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com