Electronic Components Datasheet Search
  English  ▼

X  

SMM150 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMM150
Description  Single-Channel Supply Voltage Marginer/Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM150 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMM150 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SMM150
Preliminary Information
1
(See Last Page)
© SUMMIT Microelectronics, Inc. 2005 • 1717 Fox Drive • San Jose CA 95131 • Phone 408 436-9890 • FAX 408 436-9897
www.summitmicro.com
2075 2.6 05/13/05
1
FEATURES
• Capable of margining supplies with trim inputs
using either positive or negative trim pin control
• Wide Margin range from 0.3V to VDD using
internal reference
• 10-bit ADC readout of supply voltage over I2C bus
• Margining Controlled Via:
I
2C Command
Input Pins (MUP, MDN)
• Two programmable general purpose sensor inputs
(COMP1/2) – UV/OV with FAULT Output
• Programmable glitch filter (COMP1/2)
• Programmable internal VREF, 0.5V or 1.25V
• Operates from 2.7V to 5.5V supply
• General Purpose 256-Byte EEPROM with Write
Protect
• I2C 2-wire serial bus for programming
configuration and monitoring status
• 28 lead QFN
• 20 ball Ultra CSPTM (Chip-Scale) package
Applications
• In-system test and control of Point-of-Load (POL)
Power Supplies for Multi-voltage Processors,
DSPs and ASICs
• Routers, Servers, Storage Area Networks
INTRODUCTION
The SMM150 is a highly accurate power supply
voltage supervisor and environmental monitor with
provisions for voltage margining of the monitored supply.
The part includes an internal voltage reference to
accurately monitor and margin the supply to within ±1%.
The SMM150 has the capability to margin over a wide
range from 0.3V to VDD using the internal reference and
can read the value of the supply over the I
2C bus using
an on-chip 10-bit ADC. The monitor and margin levels
are set using the I
2C serial bus. The SMM150 initiates
margining via the I
2C bus or by using the M
UP or MDN
inputs. Once the pre-programmed margin target voltage
is reached, the SMM150 holds the converter at this
voltage until receiving an I
2C command or de-asserting
the margin input pin. When the SMM150 is not
margining, the TRIM output pin is held in a high
impedance state allowing the converter to operate at its
nominal set point. Two general purpose input pins are
provided for sensing under or overvoltage conditions. A
programmable glitch filter associated with these inputs
allows the user to ignore spurious noise signals. A
FAULT# pin is asserted once either input set point is
exceeded.
Using the I
2C interface, a host system can communicate
with the SMM150 status register and utilize 256-bytes of
nonvolatile memory.
SIMPLIFIED APPLICATIONS DRAWING
VM
TRIM
TRIM
VOUT+
SEN+
DC-DC Converter
VDD
WP
A0
A1
A2
COMP1
COMP2
SCL
SDA
FAULT#
CAPM
MUP
MDN
I2C
Interface
Margin
Commands
V1
2.7V-5.5V
SMM150
READY
GND
VDD_CAP
Status
Outputs
Figure 1 – Applications using the SMM150 Controller to control the Voltage Margining of a DC/DC Converter.
Note: This is an applications example only. Some components and values are not shown.
Single-Channel Supply Voltage Marginer/Monitor


Similar Part No. - SMM150

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM151 SUMMIT-SMM151 Datasheet
397Kb / 23P
Single-channel Voltage/Current Monitors and Voltage Marginers
SMM151 SUMMIT-SMM151_10 Datasheet
288Kb / 24P
Single-channel Voltage/Current Monitors and Voltage Marginers
SMM152 SUMMIT-SMM152 Datasheet
397Kb / 23P
Single-channel Voltage/Current Monitors and Voltage Marginers
SMM152 SUMMIT-SMM152 Datasheet
288Kb / 24P
Single-channel Voltage/Current Monitors and Voltage Marginers
SMM153 SUMMIT-SMM153 Datasheet
330Kb / 17P
10-bit Digital Differential Voltage and Current Monitor
More results

Similar Description - SMM150

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Summit Microelectronics...
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
Dual Channel Supply Voltage Marginer and Active DC Output Controller
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
Single-Channel Supply Voltage Marginer and Active DC Output Controller
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
SUPPLY VOLTAGE MONITOR
JULY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com