Electronic Components Datasheet Search
  English  ▼

X  

SMM150 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMM150
Description  Single-Channel Supply Voltage Marginer/Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM150 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMM150 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SMM150
Preliminary Information
Summit Microelectronics, Inc
2075 2.6 05/13/05
4
PIN DESCRIPTIONS
QFN
Pad
Number
Ultra
CSP
TM
Ball
Number
Pin
Type
Pin Name
Pin Description
28
B2
I/O
SDA
I
2C Bi-directional data line
1
A1
I
SCL
I
2C clock input.
2
B1
I
A2
4
C1
I
A1
6
D1
I
A0
The address pins are biased either to VDD, GND or left floating. This
allows for a total of 21 distinct device addresses. When
communicating with the SMM150 over the 2-wire bus these pins
provide a mechanism for assigning a unique bus address.
8
D2
I
WP
Programmable Write Protect active high/low input. When asserted,
writes to the configuration registers and general purpose EE are not
allowed. The WP input is internally tied to VDD with a 50K
Ω resistor.
10
E2
CAP
CAPM
External capacitor input used to filter the VM input, 0.2
µF.
20
B3
O
TRIM
Output voltage used to control and/or margin converter voltages.
Connect to the converter trim input.
14
E4
I
VM
Voltage monitor input. Connect to the DC-DC converter positive sense
line or its’ +Vout pin.
21
A4
PWR
VDD
Power supply of the part.
23
A3
PWR
VDD_CAP
External capacitor input used to filter the internal VDD supply rail.
7
E1
GND
GND
Ground of the part. The SMM150 ground pin should be connected to
the ground of the device under control or to a star point ground. PCB
layout should take into consideration ground drops.
24
C3
I
MUP
Margin up command input. Asserted high. The MUP input is internally
tied to VDD with a 50K
Ω resistor.
25
A2
I
MDN
Margin down command input. Asserted high. The MDN input is
internally tied to VDD with a 50K
Ω resistor.
19
B4
I
COMP1
12
E3
I
COMP2
COMP1 and COMP2 are high impedance inputs, each connected
internally to a comparator and compared against the internally
programmable VREF voltage. Each comparator can be independently
programmed to monitor for UV or OV. The monitor level is set
externally with a resistive voltage divider.
11
D3
O
FAULT#
When either of the COMP1 or COMP2 inputs are in fault the open-
drain FAULT# output will be pulled low. A configuration option exists
to disable the FAULT# output while the device is margining.
5
C2
I/O
READY
Programmable active high/low open drain output indicates that VM is
at its set point. When programmed as an active high output, READY
can also be used as an input. When pulled low, it will latch the state of
the comparator inputs.
3, 9, 13,
15-18,
22, 26,
27, 29
C4, D4
NC
NC
No Connect. The bottom side metal plate (Pad 29) can be connected
to GND or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com