Electronic Components Datasheet Search
  English  ▼

X  

SMM150 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMM150
Description  Single-Channel Supply Voltage Marginer/Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM150 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMM150 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SMM150
Preliminary Information
Summit Microelectronics, Inc
2075 2.6 05/13/05
10
When measuring the delay time external to the device,
ADC sample time and Update Trim time (
≅ 4ms) must
be added to the internally programmed delay time as
shown:
Spec
Actual measurement
2.5 ms
6.5 ms
5 ms
9 ms
10 ms
14 ms
17.5 ms
22 ms
MONITOR
The SMM150 monitors the COMP1 and COMP2 pins.
COMP1 and COMP2 are high impedance inputs, each
connected internally to a comparator and compared
against the programmable internal reference voltage.
Each comparator can be independently programmed
to monitor for either UV or OV. The monitor level is
set externally with a resistive voltage divider. The
COMP pins can be connected to Vin, Vout or any
voltage that needs to be monitored. The internal
comparators COMP1/2 are compared to VREF, so the
voltage dividers are set above or below the
programmed VREF level depending on whether
monitoring UV or OV. As an example, with VREF set
to 1.25V, to monitor an OV of 1.7V on COMP1 and a
UV of 1.3V on COMP2, the voltage divider resistors
are:
For OV, RUpper = 1.37k, 1% RLower = 3.83k, 1%.
For UV, RUpper = 1.02k, 1% RLower = 25.5k, 1%.
The part can be programmed to trigger the FAULT#
pin when either COMPx comparator has exceeded the
UV or OV range. The READY and FAULT# outputs of
the SMM150 are active as long as the triggering limit
remains in a fault condition.
The READY pin is
programmable active high/low open drain output
indicates that VM is at its’ set point.
When programmed as an active high output, READY
can also be used as an input. When pulled low, it will
latch the state of the comparator inputs. When either
of the COMP1 or COMP2 inputs are in fault, the open-
drain FAULT# output will be pulled low.
A
configuration option exists to disable the FAULT#
output while the device is in margining mode.
STATUS REGISTER
A status register exists for I
2C polling of the status of
the COMP1 and COMP2 inputs.
Two bits in this
status register reflect the current state of the inputs (1
= fault, 0 = no fault). Two additional bits show the
state of the inputs latched by one of two events
programmed in the configuration.
The first event option is the FAULT# output going
active. The second event option is the READY pin
going low. The READY pin is an I/O. As an output,
the READY output pin goes active when the DC
controlled voltages are at their set point. As an input
programmed to active high, it can be pulled low
externally and latch the state of the COMP inputs.
This second event option allows the state of the
COMP inputs on multiple devices to be latched at the
same time while a host monitors their FAULT#
outputs.
MARGINING
The SMM150 has two additional control voltage
settings: margin high and margin low. The margin
high and margin low settings can be as much as
±10%
of the nominal setting depending on the manufacturer.
The margin high and margin low voltage settings can
range from 0.3V to VDD around the converters’
nominal output voltage setting depending on the
specified margin range of the DC-DC converter. These
settings are stored in the configuration registers and
are loaded into the control voltage setting by margin
commands issued via the I
2C bus.
The margin command registers contain two bits that
decode the commands to margin high or margin low.
Once the SMM150 receives the command to margin
the supply voltage, it begins adjusting the supply
voltage to move toward the desired setting. When this
voltage setting is reached, a bit is set in the margin
status registers and the READY signal becomes
active.
Note: Configuration writes or reads of registers 00HEX
to 03HEX should not be performed while the SMM150
is margining.
FAULTS
When either of the COMP1 or COMP2 inputs are in
fault, the open-drain FAULT# output will be pulled low.
A configuration option exists to disable the FAULT#
output while the device is margining. If “Fault Output
Disabled while Margining” is selected, Faults are
disabled for all margining except when margining to
the ‘Off’ and ‘Nominal’ states. Also, the programmable
feature ‘Fault Holds Off and Shutdown Control’ is
enabled only for the Nominal margin state.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com