Electronic Components Datasheet Search
  English  ▼

X  

SMM766 Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # SMM766
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM766 Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMM766 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
SMM766
Preliminary Information
Summit Microelectronics, Inc
2086 2.1 12/13/2005
9
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
Internally regulated to 3.6V
0.8 x
VDD_CAP
V
VIH
Input high voltage (MR#, SDA,
SCL, PWR_ON, SEQ_LINK,
FS#)
3
Internally regulated to 5.5V
0.7 x
VDD_CAP
V
Internally regulated to 3.6V
0.2 x
VDD_CAP
V
VIL
Input low voltage (MR#, SDA,
SCL, PWR_ON, SEQ_LINK,
FS#)
3
Internally regulated to 5.5V
0.3 x
VDD_CAP
V
VOL
Open drain outputs (RST#,
FS#, PWR_ON, HEALTHY,
FAULT#, PUPx, SEQ_LINK)
ISINK = 1mA
0
0.4
V
IOL
Output low current
Note – Total ISINK from all PUPx pins
should not exceed 6mA or ADOCACC
specification will be affected
0
1.0
mA
VSENSE
Positive sense voltage
VM pin
+0.3
VDD_CAP
V
VMONITOR
Monitor threshold step size
VM, AIN1/AIN2 pins
5
mV
Commercial temp range
-3
+3
oC
tSA
Internal temperature sensor
accuracy
Industrial temp range
-5
+5
oC
tMONITOR
Temperature threshold step
size
Internal temp sensor
0.25
oC
VREF
Internal 1.25VREF output
voltage
1.24
1.25
1.26
V
–40
°C to +85°C
-0.25
+0.25
%
VREF TC
Internal VREF temperature
coefficient
–5
°C to +70°C
-0.15
+0.15
%
VREF ACC
Internal VREF accuracy
-0.4
+0.4
%
Ext VREF
External VREF voltage range
0.5
VDD_CAP
V
External VREF=1.25V, ±0.1%,
total PUPx ISINK < 3ma, VSENSE
< 3.5V
-0.2
0.1
+0.2
%
External VREF=1.25V, ±0.1%,
total PUPx ISINK < 3ma, VSENSE
> 3.5V
-0.5
0.3
+0.5
%
ADOCACC
ADOC (Active DC Output
Control)/margin accuracy
Internal VREF=1.25V, total
PUPx ISINK < 3ma
-0.5
0.3
+0.5
%
VOUT_VALID
Minimum output valid voltage
VDD_CAP voltage at which
the PUP, RST#, HEALTHY
and FAULT#, FS#, PWR_ON
SEQ_LINK, outputs are valid
1
V
VDD_CAP rising
2.6
V
UVLO
UVLO (Under Voltage Lockout)
threshold
4
VDD_CAP falling
2.5
V
Note 1 – Range depends on internal regulator set to 3.6V or 5.5V see 12VIN specification.
Note 2 – See Application Note 37 which describes the type of capacitors to use to obtain minimum leakage.
Note 3 – All logic levels are derived with respect to the voltage present on VDD_CAP, when supplied from the VDD input VDD_CAP is equal to
VDD, under no load.
Note 4 – (100mV typ Hysteresis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com