Electronic Components Datasheet Search
  English  ▼

X  

SMM766 Datasheet(PDF) 18 Page - Summit Microelectronics, Inc.

Part # SMM766
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM766 Datasheet(HTML) 18 Page - Summit Microelectronics, Inc.

Back Button SMM766 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 22Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SMM766
Preliminary Information
Summit Microelectronics, Inc
2086 2.1 12/13/2005
18
APPLICATIONS INFORMATION (CONTINUED)
LINKED OPERATION
The SMM766 can be linked to multiple Sequence-
Link
 devices to create a seamless multi-channel
power manager.
With linked operation 8 SMM766
devices in a system can sequence up to 48 supplies
within 29 sequence positions. The sequencing in this
mode can be interlaced, sequencing a supply from
device A, then from device B, then again from device
A, etc. This extended sequencing is made possible by
the inclusion of a SEQ_LINK pin.
For this mode of operation, the control pins, including
SEQ_LINK, PWR_ON, and FS# on each device must
be tied together. In addition, the VDD and 12V supply
must also be connected on all linked devices. As a
consequence when multiple devices are linked
together, all devices must be powered by the same
supply.
RESTART
There are two possible conditions in which a restart
sequence may be initiated. The first instance occurs
when either the FS# pin is asserted or the PWR_ON
pin is pulled low thus initiating a command-triggered
restart. The second condition occurs when a user
programmable
fault
triggers
a
force-shutdown
operation or a power-off sequence thus resulting in a
fault-triggered restart.
In either case, the SMM766 will wait until all voltages
have fallen below their user programmable OFF
thresholds, after all channels are off, the PWR_ON pin
will continue to be held low for a period of time
dependent on the nature of the fault.
When a power-off or force-shutdown condition results
from
a
command-triggered
power-off
or
force-
shutdown, the SMM766 will automatically begin the
restart procedure. When restart begins an internal
timer will begin to timeout for a command-triggered
Restart Delay (tCTRD) of 12.5 ms. After this time has
expired the PWR_ON pin is released, allowing the
power-on sequence to begin.
When a power-off or force-shutdown condition results
from a fault-triggered power-off or force-shutdown, the
SMM766 may or may not begin the restart procedure
(see PROGRAMMABLE RETRIES), if restart begins
the internal timer will begin to timeout a fault-triggered
Restart Delay (tFTRD) of 2.4 s before the PWR_ON pin
is released allowing the power-on Sequence to begin.
If the SMM766 is programmed to wait for VDD, 12VIN,
or Internal Temp to be valid (above UV1 and below
OV1) before power-on sequencing may commence,
then this condition will be checked after the restart
timer has expired and the PWR_ON pin has been
released.
The conditions that may lead to a Fault-Triggered
restart include any channel exceeding its user
programmable thresholds (OV or UV), set to trigger
either a forced-shutdown or a power-off sequence. In
addition, in the event that the sequence termination
timer times out before a channel reaches its UV1 or
OFF threshold, during sequencing, a Fault-Triggered
restart occur.
I
2C POWER OFF CONTROL
Power-on sequencing is only permitted while the
PWR_ON pin is active. Once the PWR_ON pin is
active and the SMM766 has entered monitoring mode,
an I
2C command may be issued to commence the
power-off sequence. This condition will continue until
an I
2C “power-off clear” command is issued.
PROGRAMABLE RETRIES
In the event of a persistent system fault, the SMM766
may be programmed to limit the number of Fault-
Triggered restarts it will allow. This programmable
setting ensures that the SMM766 will not enter a
hiccup-mode
of
operation,
while
still
reducing
susceptibility to transient fault conditions.
In the event of a Fault-Triggered restart the fault will
be registered and internally compared to the maximum
number of allowable faults. If this number is exceeded
then the fault condition will be latched and the
PWR_ON and FS# pins will be pulled low while the
RST# output is asserted. This fault condition will
remain latched until power is cycled on the SMM766,
at which point the PWR_ON and FS# pins will be
released, the number of faults will be reset zero, and
the restart sequence will begin. The allowable
programmable setting include one, three, and
unlimited retries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com