Electronic Components Datasheet Search
  English  ▼

X  

SMM766 Datasheet(PDF) 29 Page - Summit Microelectronics, Inc.

Part # SMM766
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM766 Datasheet(HTML) 29 Page - Summit Microelectronics, Inc.

Back Button SMM766 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 30Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 31Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 32Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
SMM766
Preliminary Information
Summit Microelectronics, Inc
2083 2.1 12/13/05
29
PACKAGE
A
B
Pin 1
Indicator
Inches
(Millimeters)
0.002 - 0.006
(0.05-0.15)
MAX.
0.047
(1.2)
0.037 - 0.041
0.95 - 1.05
0.018 - 0.030
(0.45 - 0.75)
0.039
(1.00)
0.02
(0.5)
BSC
0.007 - 0.011
(0.17 - 0.27)
DETAIL "A"
DETAIL "B"
(B)
(A)
(A)
0.354
(9.00) BSC
0.276
(7.00)
BSC (B)
48 PIN TQFP PACKAGE
0o Min to
7o Max
Ref Jedec M S-026
Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com