Electronic Components Datasheet Search
  English  ▼

X  

3511 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3511
Description  CMOS IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3511 Datasheet(HTML) 2 Page - Unisonic Technologies

  3511 Datasheet HTML 1Page - Unisonic Technologies 3511 Datasheet HTML 2Page - Unisonic Technologies 3511 Datasheet HTML 3Page - Unisonic Technologies 3511 Datasheet HTML 4Page - Unisonic Technologies 3511 Datasheet HTML 5Page - Unisonic Technologies 3511 Datasheet HTML 6Page - Unisonic Technologies 3511 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UTC 3511
CMOS IC
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R502-015,B
PIN DESCRIPTION
PIN No.
PIN NAME
TYPE
DESCRIPTION
1
PGI
I
Power good input pin
2
GND
P
Ground
3
FPL-N
O
Fault protection latch output pin (open drain output)
4
PDON-N
I
Protection detector function ON/OFF control input pin
5
V33
I
3.3V input pin
6
V5
I
5V input pin
7
VDD
I
Supply voltage/12V input pin
8
PGO
O
Power good output pin(open drain output)
BLOCK DIAGRAM
PDON_N
VDD
150uA
3.6V
Power On Reset
Vcc Low Voltage
POR
LVRST
Clock
Generator
CLK
PWR
V33
V5
VDD
PGI
1.2V
UN
-
+
-
+
-
+
-
+
-
+
-
+
CLK RST
73us
debounce
CLK
CLR
300ms
delay
VDD
PGO
FPL_N
R
S Q
CLK
RST
73us
debounce
CLR
75ms
delay
CLK
RWR
CLK
PWR
38ms
debounce
RST
CLK
PWR
2.4ms
delay
CLR
OV
OV
UN
OV
UN
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply voltage
VDD
-0.3 ~ 16
V
Input Voltage
PDON_N,V5,V33,PGI
Vin
-0.3 ~ 7
V
-0.3 ~ 16
Output Voltage
FPL_N
PGO
VOUT
-0.3 ~ 7
V
Operating temperature
Topr
-40 ~ 125
°C
Storage temperature
Tstg
-55 ~ 150
°C
Note:Stresses above those listed may cause permanent damage to the devices



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com