Electronic Components Datasheet Search
  English  ▼

X  

3511 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3511
Description  CMOS IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3511 Datasheet(HTML) 4 Page - Unisonic Technologies

  3511 Datasheet HTML 1Page - Unisonic Technologies 3511 Datasheet HTML 2Page - Unisonic Technologies 3511 Datasheet HTML 3Page - Unisonic Technologies 3511 Datasheet HTML 4Page - Unisonic Technologies 3511 Datasheet HTML 5Page - Unisonic Technologies 3511 Datasheet HTML 6Page - Unisonic Technologies 3511 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UTC 3511
CMOS IC
UTC
UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R502-015,B
SWITCHING CHARACTERISTICS, VDD=5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
De-bounce time (PDON_N)
tdb1
32
38
61
ms
Delay time (PGI to PGO)
tdelay
Ta=-40
°C ~ 125°C
200
300
490
ms
De-bounce time (PDON_N)
tdb2
32
38
61
ms
De-glitch time
tg
63
73
120
us
PDON_N to FPL_N delay time
tdelay2
Tdb2+2.0 Tdb2+2.4 Tdb2+3.8
ms
Internal UVD delay time
tdelay3
FPL_N go low & every
Time PGI>1.2V
65
75
122
ms
APPLICATION CIRCUIT
5V
PGI
470
PDON_N
0.01uF
1
2
3
4
8
7
6
5
0.01uF
5V
12V
VSB
PGI
GND
FPL_N
PDON_N
PGO
VDD
V5
V33
3511
3.3V
5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com