Electronic Components Datasheet Search
  English  ▼

X  

3511 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3511
Description  CMOS IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3511 Datasheet(HTML) 3 Page - Unisonic Technologies

  3511 Datasheet HTML 1Page - Unisonic Technologies 3511 Datasheet HTML 2Page - Unisonic Technologies 3511 Datasheet HTML 3Page - Unisonic Technologies 3511 Datasheet HTML 4Page - Unisonic Technologies 3511 Datasheet HTML 5Page - Unisonic Technologies 3511 Datasheet HTML 6Page - Unisonic Technologies 3511 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UTC 3511
CMOS IC
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R502-015,B
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
3.8
12
15
V
Input Voltage
PDON_N,V5,V33,PGI
Vin
7
V
15
V
Output Voltage
FPL_N
PGO
VOUT
7
V
30
mA
Output Sink Current
FPL_N
PGO
Iosink
10
mA
Supply Voltage Rising Time
Trs
1
ms
ELECTRICAL CHARACTERISTICS (Ta=25℃, VDD=5V)
Over Voltage Detection
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
V33
3.7
3.9
4.1
V5
5.7
6.1
6.5
Over voltage threshold
VDD/ V12
12.8
13.4
13.9
V
Leakage current (FPL_N)
ILEAKAGE FPL_N=5V
5
uA
Isink=10mA
0.3
Low level output voltage
(FPL_N)
VOL
Isink=30mA
0.7
V
PGI and PGO
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
V33
2.55
2.69
2.83
Under voltage threshold
V5
4.1
4.3
4.47
Input threshold voltage (PGI)
VPGI
1.16
1.20
1.24
V
Leakage current (PGO)
ILEAKAGE PGO=5V
5
uA
Low level output voltage (PGO)
VOL
Isink=10mA
0.4
V
PDON_N
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
Input pull-up current
Il
PDON_N=0V
150
uA
High-level input voltage
VIH
2.4
V
Low-level input voltage
VIL
1.2
V
TOTAL DEVICE
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
Supply current
Icc
PDON_N=5V
1
mA
low voltage
VDD
3
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com