Electronic Components Datasheet Search
  English  ▼

X  

75185 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 75185
Description  LINEAR INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75185 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 75185 Datasheet HTML 2Page - Unisonic Technologies 75185 Datasheet HTML 3Page - Unisonic Technologies 75185 Datasheet HTML 4Page - Unisonic Technologies 75185 Datasheet HTML 5Page - Unisonic Technologies 75185 Datasheet HTML 6Page - Unisonic Technologies 75185 Datasheet HTML 7Page - Unisonic Technologies 75185 Datasheet HTML 8Page - Unisonic Technologies 75185 Datasheet HTML 9Page - Unisonic Technologies 75185 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
UTC75185
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 6
QW-R113-003,B
SUPPLY CURRENTS
TEST CONDITIONS
PARAMETER
SYMBOL
VDD
Vss
MIN
MAX
UNIT
9
-9
15
12
-12
19
mA
No load.
All inputs at 1.9V
15
-15
25
9
-9
4.5
12
-12
5.5
Supply current from VDD
IDD
No load.
All inputs at 0.8V
15
-15
9
mA
9
-9
-15
12
-12
-19
No load.
All inputs at 1.9V
15
-15
-25
mA
9
-9
-3.2
12
-12
-3.2
Supply current from Vss
Iss
No load.
All inputs at 0.8V
15
-15
-3.2
mA
Supply current from Vcc
Icc
No load. All inputs at 5V, Vcc=5V
30
mA
DRIVER ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING
FREE-AIR TEMPERATURE RANGE (VDD=9V, Vss=-9V, Vcc=5V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High level output voltage
VOH
VIL=0.8V, RL=3 k
Ω (Figure 1)
6
7.5
V
Low level output voltage (note 6)
VOL
VIH=1.9V, RL=3 k
Ω (Figure
1)
-7.5
-6
V
High level input current
IIH
VI=5V (Figure 2)
10
µA
Low level input current
IIL
VI=0V (Figure 2)
-1.6
mA
High level short circuit output current
(note 7)
IOS(H)
VIL=0.8V, VO=0V(Figure 1)
-4.5
-12
-19.5
mA
Low level short circuit output current
IOS(L)
VIH=2V, Vo=0V(Figure 1)
4.5
12
19.5
mA
Output resistance (note 8)
rO
VDD=Vss=Vcc=0V
Vo=-2 to 2V
300
Ω
Note 6: The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in
this datasheet for logic levels only (e.g. if -10V is a maximum, the typical value is a more negative voltage).
Note 7: Output short circuit conditions must maintain the total power dissipation below absolute maximum ratings.
Note 8: Test conditions are those specified by TIA/EIA232-F and as listed above.
DRIVER SWITCHING CHARACTERISTICS (VDD=12V, Vss=-12V, Vcc=5V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay time, low to high level
output
tPLH
RL=3 to 7 k
Ω, CL=15pF
(Figure 3)
315
500
ns
Propagation delay time, high to low level
output
tPHL
RL=3 to 7 k
Ω, CL=15pF
(Figure 3)
75
175
ns
RL=3 to 7 k
Ω, CL=15pF
(Figure 3)
60
100
ns
Transition time, low to high level output
tTLH
RL=3 to 7 k
Ω, CL=2500pF
(Note 9,Figure 3)
1.7
2.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com