Electronic Components Datasheet Search
  English  ▼

X  

75185 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 75185
Description  LINEAR INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75185 Datasheet(HTML) 1 Page - Unisonic Technologies

  75185 Datasheet HTML 1Page - Unisonic Technologies 75185 Datasheet HTML 2Page - Unisonic Technologies 75185 Datasheet HTML 3Page - Unisonic Technologies 75185 Datasheet HTML 4Page - Unisonic Technologies 75185 Datasheet HTML 5Page - Unisonic Technologies 75185 Datasheet HTML 6Page - Unisonic Technologies 75185 Datasheet HTML 7Page - Unisonic Technologies 75185 Datasheet HTML 8Page - Unisonic Technologies 75185 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UTC75185
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R113-003,B
MULTIPLE RS-232 DRIVERS AND
RECEIVERS
DESCRIPTION
The UTC 75185 complies with the requirements of the
TIA/EIA232-F and ITU (formerly CCITT) v.28 standards.
These standards are for data interchange between a host
computer and peripheral at signaling rates up to 20kbit/s.
The switching speeds of the UTC 75185 are fast enough
to support rates up to 120kbite/s with lower capacitive
loads (shorter cables). Interoperability at the higher
signaling rates cannot be assured unless the designer
has design control of the cable and the interface circuits
at both ends. For interoperability at signaling rates to
120kbit/s, use of
ITA/EIA-423-B
(ITU
v.10) and
TIA/EIA-422-B (ITU v.11) standards are recommended.
The UTC 75185 is Characterized for operation over
the temperature range of 0
°C to 70°C.
FEATURES
*Single chip with easy interface between UART and
Serial-Port
connector
of
IBMTM,
PC/ATTM
and
Compatibles.
*Three drivers and five receivers meet or exceed the
requirements of TIA/EIA-232-F and ITU v.28 standards.
*Designed to support data rates up to 120 kbps
*ESD protection meets or exceeds 10 kV on RS-232 pins
and 5 kV on all other pins (Human-Body Model)
SOP-20
DIP-20
TSSOP-20


Similar Part No. - 75185

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75185 UTC-75185 Datasheet
356Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
75185-D20-T UTC-75185-D20-T Datasheet
356Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
75185-P20-R UTC-75185-P20-R Datasheet
356Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
75185-R20-R UTC-75185-R20-R Datasheet
356Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
75185-S20-R UTC-75185-S20-R Datasheet
356Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - 75185

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com