Electronic Components Datasheet Search
  English  ▼

X  

75185 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 75185
Description  LINEAR INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75185 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button 75185 Datasheet HTML 3Page - Unisonic Technologies 75185 Datasheet HTML 4Page - Unisonic Technologies 75185 Datasheet HTML 5Page - Unisonic Technologies 75185 Datasheet HTML 6Page - Unisonic Technologies 75185 Datasheet HTML 7Page - Unisonic Technologies 75185 Datasheet HTML 8Page - Unisonic Technologies 75185 Datasheet HTML 9Page - Unisonic Technologies 75185 Datasheet HTML 10Page - Unisonic Technologies 75185 Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UTC75185
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 7
QW-R113-003,B
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL=3 to 7 k
Ω, CL=15pF
(Figure 3)
40
75
ns
Transition time high to low level output
tTHL
RL=3 to 7 k
Ω, CL=2500pF
(Note 10, Figure 3)
1.5
2.5
µs
Note 9: Measured between -3V and 3V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs
are tied.
Note 10: Measured between 3V and -3V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs
are tied.
RECEIVER ELECTRICAL CHARACTERISTICS OVER RECOMMENDED
OPERATING CONDITIONS (TA=25°C, Vcc=5V, VDD=9V, Vss=-9V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive going threshold voltage
VT+
(Figure 5)
TA=25
°C
TA=0
°C to 70°C
1.75
1.55
1.9
2.3
2.3
V
Negative going threshold voltage
VT-
0.75
0.97
1.25
V
Input hysteresis(VT+
- VT-)
Vhys
0.5
V
VIH=0.75V
2.6
4
5
High level output voltage
VOH
IoH=-0.5mA
Inputs Open
2.6
V
Low level output voltage
VOL
VI=3V, IOL=10mA
0.2
0.45
V
VI=25V (Figure 5)
3.6
8.3
High level input current
IIH
VI=3V (Figure 5)
0.43
mA
VI=-25V (Figure 5)
-3.6
-8.3
Low level input current
IIL
VI=-3V (Figure 5)
-0.43
mA
Short-circuit output current
Ios
(Figure 4)
-3.4
-12
mA
RECEIVER SWITCHING CHARACTERISTICS (VDD=12V, Vss=-12V, Vcc=5V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay time, low to high level
output
tPLH
107
500
ns
Propagation delay time, high to low level
output
tPHL
42
150
ns
Transition time low to high level output
tTLH
175
525
ns
Transition time high to low level output
tTHL
RL=5 k
Ω, CL=50pF
(Figure 6)
16
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com