| Electronic Components Datasheet Search |
|
LPC1102 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1102 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 43 page ![]() LPC1102_1104 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 7 — 26 September 2013 8 of 43 NXP Semiconductors LPC1102/1104 32-bit ARM Cortex-M0 microcontroller 7. Functional description 7.1 ARM Cortex-M0 processor The ARM Cortex-M0 is a general purpose, 32-bit microprocessor, which offers high performance and very low power consumption. 7.2 On-chip flash program memory The LPC1102/1104 contain 32 kB of on-chip flash memory. Remark: The LPC1102 supports In-Application Programming (IAP) and In-System Programming (ISP). For ISP, since there is no dedicated ISP entry pin, user code is required to invoke ISP functionality. Unprogrammed parts will automatically boot into ISP mode. 7.3 On-chip SRAM The LPC1102/1104 contain 8 kB on-chip static RAM memory. 7.4 Memory map The LPC1102/1104 incorporate several distinct memory regions, shown in the following figures. Figure 3 shows the overall map of the entire address space from the user program viewpoint following reset. The interrupt vector area supports address remapping. The AHB peripheral area is 2 MB in size, and is divided to allow for up to 128 peripherals. The APB peripheral area is 512 kB in size and is divided to allow for up to 32 peripherals. Each peripheral of either type is allocated 16 kB of space. This allows simplifying the address decoding for each peripheral. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |