Electronic Components Datasheet Search
  English  ▼

X  

T40HFL Datasheet(PDF) 8 Page - Vishay Siliconix

Part # T40HFL
Description  Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T40HFL Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button T40HFL Datasheet HTML 4Page - Vishay Siliconix T40HFL Datasheet HTML 5Page - Vishay Siliconix T40HFL Datasheet HTML 6Page - Vishay Siliconix T40HFL Datasheet HTML 7Page - Vishay Siliconix T40HFL Datasheet HTML 8Page - Vishay Siliconix T40HFL Datasheet HTML 9Page - Vishay Siliconix T40HFL Datasheet HTML 10Page - Vishay Siliconix T40HFL Datasheet HTML 11Page - Vishay Siliconix T40HFL Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93184
8
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-May-10
T40HFL, T70HFL, T85HFL Series
Vishay Semiconductors
Fast Recovery Diodes
(T-Modules), 40 A/70 A/85 A
Fig. 25 - Recovery Time Characteristics
Fig. 26 - Recovery Charge Characteristics
Fig. 27 - Recovery Current Characteristics
Fig. 28 - Recovery Time Characteristics
Fig. 29 - Recovery Charge Characteristics
Fig. 30 - Recovery Current Characteristics
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
0
1
0
1
100A
50A
200A
Ra te Of Fa ll Of Forwa rd Current - d i/ d t (A/ µs)
I
= 300A
FM
T40HFL..S10
T70HFL..S10
T = 125 °C
J
5
10
15
20
25
30
35
40
10 20 30 40 50 60 70 80 90 100
100A
50A
200A
Ra te Of Fa ll Of Forward Current - d i/ d t (A/ µs)
I
= 300A
FM
T40HFL..S10
T70HFL..S10
T = 125 °C
J
10
15
20
25
30
35
40
45
10 20 30 40 50 60 70 80 90 100
100A
50A
200A
Ra te Of Fa ll Of Forwa rd Current - di/ d t (A/ µs)
I
= 300A
FM
T40HFL..S10
T70HFL..S10
T = 125 °C
J
0.6
0.7
0.8
0.9
1
1.1
1.2
0
0
1
0
1
100A
50A
200A
Ra te Of Fa ll Of Forwa rd Current - di/ dt (A/ µs)
T85HFL..S02
T = 125°C
I
= 300A
J
FM
5
10
15
20
25
10 20 30 40 50 60 70 80 90 100
200A
100A
50A
Ra te Of Fa ll Of Forward Current - di/ d t (A/ µs)
T85HFL..S02
T = 125 °C
I
= 300A
J
FM
6
8
10
12
14
16
18
20
22
24
26
28
10 20 30 40 50 60 70 80 90 100
200A
100A
50A
Ra te Of Fall Of Forwa rd Current - di/ d t (A/ µs)
T85HFL..S02
T = 125°C
I
= 300A
J
FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com