Electronic Components Datasheet Search
  English  ▼

X  

T40HFL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T40HFL
Description  Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T40HFL Datasheet(HTML) 2 Page - Vishay Siliconix

  T40HFL Datasheet HTML 1Page - Vishay Siliconix T40HFL Datasheet HTML 2Page - Vishay Siliconix T40HFL Datasheet HTML 3Page - Vishay Siliconix T40HFL Datasheet HTML 4Page - Vishay Siliconix T40HFL Datasheet HTML 5Page - Vishay Siliconix T40HFL Datasheet HTML 6Page - Vishay Siliconix T40HFL Datasheet HTML 7Page - Vishay Siliconix T40HFL Datasheet HTML 8Page - Vishay Siliconix T40HFL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93184
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-May-10
T40HFL, T70HFL, T85HFL Series
Vishay Semiconductors
Fast Recovery Diodes
(T-Modules), 40 A/70 A/85 A
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
trr
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 25 °C
μA
T40HFL..
T70HFL..
T85HFL..
10
S02, S05, S10
100
150
100
20
S02, S05, S10
200
300
40
S02, S05, S10
400
500
60
S02, S05, S10
600
700
80
S05, S10
800
900
100
S05, S10
1000
1100
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
T40HFL
T70HFL
T85HFL
UNITS
Maximum average
forward current
at case temperature
IF(AV)
180° conduction, half sine wave
40
70
85
A
70
°C
Maximum RMS
forward current
IF(RMS)
63
110
133
A
Maximum peak, one-cycle
forward, non-repetitive
surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
475
830
1300
A
t = 8.3 ms
500
870
1370
t = 10 ms
100 % VRRM
reapplied
400
700
1100
t = 8.3 ms
420
730
1150
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
1130
3460
8550
A2s
t = 8.3 ms
1030
3160
7810
t = 10 ms
100 % VRRM
reapplied
800
2450
6050
t = 8.3 ms
730
2230
5520
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
11 300
34 600
85 500
A2
√s
Low level value of
threshold voltage
VF(TO)1
TJ = 25 °C, (16.7 % x
π x IF(AV) < I < π x IF(AV))
0.82
0.87
0.84
V
High level value of
threshold voltage
VF(TO)2
TJ = 25 °C, (I >
π x IF(AV))
0.84
0.90
0.86
Low level value of forward
slope resistance
rf1
TJ = 25 °C, (16.7 % x
π x IF(AV) < I < π x IF(AV))
7.0
2.77
2.15
m
Ω
High level value of forward
slope resistance
rf2
TJ = 25 °C, (I >
π x IF(AV))
6.8
2.67
2.07
Maximum forward
voltage drop
VFM
IFM =
π x IF(AV), TJ = 25 °C, tp = 400 μs square wave
Average power = VF(TO) x IF(AV) + rf x (IF(RMS))2
1.60
1.73
1.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com