Electronic Components Datasheet Search
  English  ▼

X  

T40HFL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T40HFL
Description  Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T40HFL Datasheet(HTML) 3 Page - Vishay Siliconix

  T40HFL Datasheet HTML 1Page - Vishay Siliconix T40HFL Datasheet HTML 2Page - Vishay Siliconix T40HFL Datasheet HTML 3Page - Vishay Siliconix T40HFL Datasheet HTML 4Page - Vishay Siliconix T40HFL Datasheet HTML 5Page - Vishay Siliconix T40HFL Datasheet HTML 6Page - Vishay Siliconix T40HFL Datasheet HTML 7Page - Vishay Siliconix T40HFL Datasheet HTML 8Page - Vishay Siliconix T40HFL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Document Number: 93184
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
T40HFL, T70HFL, T85HFL Series
Fast Recovery Diodes
(T-Modules), 40 A/70 A/85 A
Vishay Semiconductors
Note
(1) Tested on LEM 300 A diodemeter tester
Note
(1) A mounting compound is recommended and the torque should be rechecked after a period of about 3 hours to allow for the spread of
the compound
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
REVERSE RECOVERY CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS (1)
T40HFL
T70HFL
T85HFL
UNITS
S02
S05
S10
S02
S05
S10
S02
S05
S10
Maximum reverse
recovery time
trr
TJ = 25 °C, -dIF/dt = 100 A/μs
IF = 1 A to VR = 30 V
70
110
270
70
110
270
80
120
290
ns
TJ = 25 °C, -dIF/dt = 25 A/μs
IFM =
π x rated IF(AV), VR = - 30 V
200
500
1000
200
500
1000
200
500
1000
Maximum reverse
recovery charge
Qrr
TJ = 25 °C, -dIF/dt = 100 A/μs
IF = 1 A to VR = 30 V
0.25
0.4
1.35
0.25
0.4
1.35
0.3
0.6
1.6
μC
TJ = 25 °C, -dIF/dt = 25 A/μs
IFM =
π x rated IF(AV), VR = - 30 V
0.55
2.0
8.0
0.6
2.1
8.5
0.8
3.5
1.5
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
T40HFL T70HFL T85HFL
UNITS
Maximum peak reverse leakage current
IRRM
TJ = 125 °C
20
mA
RMS isolation voltage
VISOL
50 Hz, circuit to base, all terminals
shorted, TJ = 25 °C, t = 1 s
3500
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
T40HFL T70HFL T85HFL
UNITS
Junction operating temperature range
TJ
- 40 to 125
°C
Storage temperature range
TStg
- 40 to 150
Maximum internal thermal resistance,
junction to case per module
RthJC
DC operation
0.85
0.53
0.46
K/W
Thermal resistance,
case to heatsink per module
RthCS
Mounting surface, flat, smooth
and greased
0.2
Mounting torque ± 10 %
base to heatsink
M3.5 mounting screws (1)
Non-lubricated threads
1.3 ± 10 %
Nm
busbar to terminal
M5 screws terminals
Non-lubricated threads
3 ± 10 %
Approximate weight
See dimensions -
link at the end of datasheet
54
g
19
oz.
Case style
D-55 (T-module)
ΔR CONDUCTION
DEVICES
SINUSOIDAL CONDUCTION AT TJ MAXIMUM
RECTANGULAR CONDUCTION AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
T40HFL
0.06
0.08
0.10
0.14
0.24
0.05
0.08
0.10
0.15
0.24
K/W
T70HFL
0.05
0.06
0.08
0.11
0.19
0.04
0.06
0.08
0.12
0.19
T85HFL
0.04
0.05
0.06
0.09
0.15
0.03
0.05
0.07
0.09
0.015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com