Electronic Components Datasheet Search
  English  ▼

X  

TLVM13640 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13640
Description  TLVM13660 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 6-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13640 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLVM13640 Datasheet HTML 28Page - Texas Instruments TLVM13640 Datasheet HTML 29Page - Texas Instruments TLVM13640 Datasheet HTML 30Page - Texas Instruments TLVM13640 Datasheet HTML 31Page - Texas Instruments TLVM13640 Datasheet HTML 32Page - Texas Instruments TLVM13640 Datasheet HTML 33Page - Texas Instruments TLVM13640 Datasheet HTML 34Page - Texas Instruments TLVM13640 Datasheet HTML 35Page - Texas Instruments TLVM13640 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
12 Device and Documentation Support
12.1 Device Support
12.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
12.1.2 Development Support
With an input operating voltage from 3 V to 36 V and rated output current from 2 A to 6 A, the
TLVM13620/30/40/60 family of synchronous buck power modules specified in Table 12-1 provides flexibility,
scalability and optimized solution size for a range of applications. These modules enable DC/DC solutions with
high density, low EMI and increased flexibility. Available EMI mitigation features include RBOOT-configured
switch-node slew rate control, fixed switching frequency, and integrated input bypass capacitors. All modules are
rated for an ambient temperature up to 105°C.
Table 12-1. Synchronous Buck DC/DC Power Module Family
DC/DC Module
Rated IOUT
Package
Dimensions
Features
EMI Mitigation
TLVM13620
2 A
B0QFN (30)
6.0 × 4.0 × 1.8 mm
RT adjustable FSW,
precision enable
Integrated input, VCC, and
BOOT capacitors
TLVM13630
3 A
TLVM13640
4 A
B3QFN (20)
5.5 × 5.0 × 4.0 mm
TLVM13660
6 A
For development support see the following:
• TLVM13660 Quickstart Calculator
• TLVM13660 Simulation Models
• TLVM13660 EVM user's guide
• TLVM13660 EVM Layout Files (Altium)
• For TI's reference design library, visit the TI Reference Design library.
• For TI's WEBENCH Design Environment, visit the WEBENCH® Design Center.
• To design a low-EMI power supply, review TI's comprehensive EMI Training Series.
• To design an inverting buck-boost (IBB) regulator, visit DC/DC inverting buck-boost modules.
• TI Reference Designs:
– Multiple Output Power Solution For Kintex 7 Application
– Arria V Power Reference Design
– Altera Cyclone V SoC Power Supply Reference Design
– Space-optimized DC/DC Inverting Power Module Reference Design With Minimal BOM Count
– 3- To 11.5-VIN, –5-VOUT, 1.5-A Inverting Power Module Reference Design For Small, Low-noise Systems
• Technical Articles:
– Powering Medical Imaging Applications With DC/DC Buck Converters
– How To Create A Programmable Output Inverting Buck-boost Regulator
• To view a related device of this product, see the LM61460 36-V, 6-A synchronous buck converter.
12.1.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the TLVM13660 module with WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
TLVM13660
SLVSGJ6 – APRIL 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com