Electronic Components Datasheet Search
  English  ▼

X  

TLVM13640 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13640
Description  TLVM13660 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 6-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13640 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLVM13640 Datasheet HTML 12Page - Texas Instruments TLVM13640 Datasheet HTML 13Page - Texas Instruments TLVM13640 Datasheet HTML 14Page - Texas Instruments TLVM13640 Datasheet HTML 15Page - Texas Instruments TLVM13640 Datasheet HTML 16Page - Texas Instruments TLVM13640 Datasheet HTML 17Page - Texas Instruments TLVM13640 Datasheet HTML 18Page - Texas Instruments TLVM13640 Datasheet HTML 19Page - Texas Instruments TLVM13640 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Table 8-2. Recommended Ceramic Input Capacitors
Vendor(1)
Dielectric
Part Number
Case Size
Capacitance (µF)(2)
Rated Voltage (V)
TDK
X7R
C3216X7R1H106K160AC
1206
10
50
Murata
X7S
GCM32EC71H106KA03K
1210
10
50
AVX
X7R
12105C106MAT2A
1210
10
50
Murata
X7R
GRM32ER71H106KA12L
1210
10
50
(1)
Consult capacitor suppliers regarding availability, material composition, RoHS and lead-free status, and manufacturing process
requirements for any capacitors identified in this table. See the Third-Party Products Disclaimer.
(2)
Nameplate capacitance values (the effective values are lower based on the applied DC voltage and temperature).
As discussed in Section 10, an electrolytic bulk capacitance (68 µF to 100 µF) provides low-frequency filtering
and parallel damping to mitigate the effects of input parasitic inductance resonating with the low-ESR, high-Q
ceramic input capacitors.
8.3.4 Output Capacitors
Table 8-1 lists the TLVM13660 minimum amount of required output capacitance. The effects of DC bias and
temperature variation must be considered when using ceramic capacitance. For ceramic capacitors in particular,
the package size, voltage rating, and dielectric material contribute to differences between the standard rated
value and the actual effective value of the capacitance.
When including additional capacitance above COUT(min), the capacitance can be ceramic type, low-ESR polymer
type, or a combination of the two. See Table 8-3 for a preferred list of output capacitors by vendor.
Table 8-3. Recommended Ceramic Output Capacitors
Vendor(1)
Dielectric
Part Number
Case Size
Capacitance (µF)(2)
Voltage (V)
Murata
X7R
GRM31CZ71C226ME15L
1206
22
16
TDK
X7R
C3225X7R1C226M250AC
1210
22
16
Murata
X7R
GRM32ER71C226KEA8K
1210
22
16
TDK
X6S
C3216X6S1E226M160AC
1206
22
25
AVX
X7R
12103C226KAT4A
1210
22
25
Murata
X7R
GRM32ER71E226ME15L
1210
22
25
AVX
X7R
1210ZC476MAT2A
1210
47
10
Murata
X7R
GRM32ER71A476ME15L
1210
47
10
Murata
X6S
GRM32EC81C476ME15L
1210
47
16
TDK
X6S
C3216X6S0G107M160AC
1206
100
4
Murata
X6T
GRM31CD80J107MEA8L
1206
100
6.3
Murata
X7S
GRM32EC70J107ME15L
1210
100
6.3
(1)
Consult capacitor suppliers regarding availability, material composition, RoHS and lead-free status, and manufacturing process
requirements for any capacitors identified in the table. See the Third-Party Products Disclaimer.
(2)
Nameplate capacitance values (the effective values are lower based on the applied DC voltage and temperature)
8.3.5 Switching Frequency (RT)
Connect a resistor, designated as RRT in Figure 8-1, between RT and AGND to set the swiching frequency within
the range of 200 kHz to 2.2 MHz. Use Equation 5 or refer to Figure 7-8 to calculate RRT for a desired frequency.
(5)
Refer to Table 8-1 or use the simplified expression in Equation 6 to find a switching frequency that sets an
inductor ripple current of 25% to 40% of the 6-A module current rating at nominal input voltage:
(6)
TLVM13660
SLVSGJ6 – APRIL 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com