Electronic Components Datasheet Search
  English  ▼

X  

UTCUT1027 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTCUT1027
Description  CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCUT1027 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTCUT1027 Datasheet HTML 1Page - Unisonic Technologies UTCUT1027 Datasheet HTML 2Page - Unisonic Technologies UTCUT1027 Datasheet HTML 3Page - Unisonic Technologies UTCUT1027 Datasheet HTML 4Page - Unisonic Technologies UTCUT1027 Datasheet HTML 5Page - Unisonic Technologies UTCUT1027 Datasheet HTML 6Page - Unisonic Technologies UTCUT1027 Datasheet HTML 7Page - Unisonic Technologies UTCUT1027 Datasheet HTML 8Page - Unisonic Technologies UTCUT1027 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UTC UT10XX
CMOS
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R502-014,B
UTC UT1020 ( +2.0V output type) ELECTRICAL CHARACTRISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=4V, IOUT=10mA
±
2.4%
±
5%
1.952
1.9
2.0
2.0
2.048
2.1
V
Output Current
IOUT
VIN=4V
20
30
mA
Load Regulation
∆VOUT
VIN=4V,1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
Vd
IOUT=1mA
60
mV
Current Consumption
ISS
VIN=4V,No load
2.2
6.0
μ
A
Line Regulation
∆VOUT
∆VIN · VOUT
3V≤VIN≤12V,IOUT=0.5mA
0.2
%/V
Input Voltage
VIN
12
V
Temperature Coefficient
∆VOUT
∆Ta
VIN=4V,IOUT=10mA
0°C<Ta<70°C
±
0.3
mV/℃
UTC UT1025 ( +2.5V output type) ELECTRICAL CHARACTRISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=4.5V,IOUT=10mA
±
2.4%
±
5%
2.440
2.375
2.5
2.5
2.560
2.625
V
Output Current
IOUT
VIN=4.5V
20
30
mA
Load Regulation
∆VOUT
VIN=4.5V,1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
Vd
IOUT=1mA
60
mV
Current Consumption
ISS
VIN=4.5V,No load
2.2
6.0
μ
A
Line Regulation
∆VOUT
∆VIN · VOUT
3.5V≤VIN≤12V,IOUT=0.5mA
0.2
%/V
Input Voltage
VIN
12
V
Temperature Coefficient
∆VOUT
∆Ta
VIN=4.5V,IOUT=10mA
0°C<Ta<70°C
±
0.35
mV/℃
UTC UT1027 ( +2.7V output type) ELECTRICAL CHARACTRISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=4.7V,IOUT=10mA
±
2.4%
±
5%
2.635
2.565
2.7
2.7
2.765
2.835
V
Output Current
IOUT
VIN=4.7V
20
30
mA
Load Regulation
∆VOUT
VIN=4.7V,1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
Vd
IOUT=1mA
60
mV
Current Consumption
ISS
VIN=4.7V,No load
2.5
6.0
μ
A
Line Regulation
∆VOUT
∆VIN · VOUT
3.7V≤VIN≤12V,IOUT=0.5mA
0.2
%/V
Input Voltage
VIN
12
V
Temperature Coefficient
∆VOUT
∆Ta
VIN=4.7V,IOUT=10mA
0°C<Ta<70°C
±
0.4
mV/℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com