Electronic Components Datasheet Search
  English  ▼

X  

UTCUT1027 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCUT1027
Description  CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCUT1027 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCUT1027 Datasheet HTML 1Page - Unisonic Technologies UTCUT1027 Datasheet HTML 2Page - Unisonic Technologies UTCUT1027 Datasheet HTML 3Page - Unisonic Technologies UTCUT1027 Datasheet HTML 4Page - Unisonic Technologies UTCUT1027 Datasheet HTML 5Page - Unisonic Technologies UTCUT1027 Datasheet HTML 6Page - Unisonic Technologies UTCUT1027 Datasheet HTML 7Page - Unisonic Technologies UTCUT1027 Datasheet HTML 8Page - Unisonic Technologies UTCUT1027 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UTC UT10XX
CMOS
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R502-014,B
THREE-TERMINAL LOW POWER
VOLTAGE REGULATORS
DESCRIPTION
The UTC UT10XX series is a set of three-
Terminal low power voltage regulators implemented
in CMOS technology . They are available with several
fixed output voltages ranging from 1.5V~7.0V. The
advantage of CMOS technology is low voltage dropout
and low quiescent current.
Although designed primarily as fixed voltage
regulators, these devices can be used with external
components to obtain variable voltages and currents.
FEATURES
* Low power consumption
*Low voltage dropout
*Low temperature coefficient
*Wide operating voltage (12V Max.)
APPLICATIONS
*Battery-powered equipment
*Communication equipment
*Audio/Video equipment
TO-92
1
SOT-89
1
TO-92 : UT10XX-B : 1: VOUT 2: GND 3: VIN
TO-92 : UT10XX-C : 1: GND
2:VIN
3:VOUT
SOT-89 : 1: GND
2:VIN
3:VOUT
PAD ASSIGNMENT
(0,0)
GND
VIN
Vout
1
2
3
Chip size: 1.34 ×1.30 mm2
*The IC substrate should be connected to VDD in the
PCB layout artwork.
Unit:μm
PAD NO.
X
Y
1
184
1137
2
615
1121
3
1194
1132


Similar Part No. - UTCUT1027

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCU584 UTC-UTCU584 Datasheet
686Kb / 6P
3~8 AMP 5V TO 3.3V VOLTAGE CONVERSION REGULATOR
UTCU651 UTC-UTCU651 Datasheet
133Kb / 3P
LINEAR INTEGRATED CIRCUIT
UTCUA8868 UTC-UTCUA8868 Datasheet
156Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3843A UTC-UTCUC3843A Datasheet
114Kb / 7P
CURRENT MODE PWM CONTROL CIRCUITS
More results

Similar Description - UTCUT1027

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
CMOS
logo
Nel Frequency Controls,...
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
CMOS
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
CMOS
SJ-A370 NEL-SJ-A370 Datasheet
258Kb / 2P
CMOS
logo
List of Unclassifed Man...
VDA ETC2-VDA Datasheet
1Mb / 20P
CMOS
VDD ETC2-VDD Datasheet
1Mb / 22P
CMOS
VRD ETC2-VRD Datasheet
3Mb / 36P
CMOS
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
Standard CMOS Standard CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
CMOS
TM74HC04 TITAN-TM74HC04 Datasheet
181Kb / 6P
CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com