Electronic Components Datasheet Search
  English  ▼

X  

UTCUT1027 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTCUT1027
Description  CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCUT1027 Datasheet(HTML) 5 Page - Unisonic Technologies

  UTCUT1027 Datasheet HTML 1Page - Unisonic Technologies UTCUT1027 Datasheet HTML 2Page - Unisonic Technologies UTCUT1027 Datasheet HTML 3Page - Unisonic Technologies UTCUT1027 Datasheet HTML 4Page - Unisonic Technologies UTCUT1027 Datasheet HTML 5Page - Unisonic Technologies UTCUT1027 Datasheet HTML 6Page - Unisonic Technologies UTCUT1027 Datasheet HTML 7Page - Unisonic Technologies UTCUT1027 Datasheet HTML 8Page - Unisonic Technologies UTCUT1027 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UTC UT10XX
CMOS
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R502-014,B
UTC UT1036 ( +3.6V output type) ELECTRICAL CHARACTRISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=5.6V,IOUT=10mA
±
2.4%
±
5%
3.513
3.420
3.6
3.6
3.686
3.780
V
Output Current
IOUT
VIN=5.6V
20
30
mA
Load Regulation
∆VOUT
VIN=5.6V,1mA≤IOUT≤30mA
60
100
mV
Voltage Dropout
Vd
IOUT=1mA
60
mV
Current Consumption
ISS
VIN=5.6V,No load
3.0
7.0
μ
A
Line Regulation
∆VOUT
∆VIN · VOUT
4.6V≤VIN≤12V,IOUT=1mA
0.2
%/V
Input Voltage
VIN
12
V
Temperature Coefficient
∆VOUT
∆Ta
VIN=5.6V,IOUT=10mA
0°C<Ta<70°C
±
0.6
mV/℃
UTC UT1044 ( +4.4V output type) ELECTRICAL CHARACTRISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=6.4V,IOUT=10mA
±
2.4%
±
5%
4.294
4.180
4.4
4.4
4.505
4.620
V
Output Current
IOUT
VIN=6.4V
20
30
mA
Load Regulation
∆VOUT
VIN=6.4V,1mA≤IOUT≤30mA
60
100
mV
Voltage Dropout
Vd
IOUT=1mA
60
mV
Current Consumption
ISS
VIN=6.4V,No load
3.0
7.5
μ
A
Line Regulation
∆VOUT
∆VIN · VOUT
5.4V≤VIN≤12V,IOUT=1mA
0.2
%/V
Input Voltage
VIN
12
V
Temperature Coefficient
∆VOUT
∆Ta
VIN=6.4V,IOUT=10mA
0°C<Ta<70°C
±
0.7
mV/℃
UTC UT1050 ( +5.0V output type) ELECTRICAL CHARACTRISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=7V, IOUT=10mA
±
2.4%
±
5%
4.88
4.75
5.0
5.0
5.12
5.25
V
Output Current
IOUT
VIN=7V
20
30
mA
Load Regulation
∆VOUT
VIN=7V,1mA≤IOUT≤30mA
60
100
mV
Voltage Dropout
Vd
IOUT=1mA
60
mV
Current Consumption
ISS
VIN=7V,No load
3.5
9.0
μ
A
Line Regulation
∆VOUT
∆VIN · VOUT
6V≤VIN≤12V,IOUT=1mA
0.2
%/V
Input Voltage
VIN
12
V
Temperature Coefficient
∆VOUT
∆Ta
VIN=7V,IOUT=10mA
0°C<Ta<70°C
±
0.75
mV/℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com