Electronic Components Datasheet Search
  English  ▼

X  

ISOUSB111 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISOUSB111
Description  ISOUSB111 Full/Low Speed Isolated USB Repeater
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB111 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISOUSB111 Datasheet HTML 9Page - Texas Instruments ISOUSB111 Datasheet HTML 10Page - Texas Instruments ISOUSB111 Datasheet HTML 11Page - Texas Instruments ISOUSB111 Datasheet HTML 12Page - Texas Instruments ISOUSB111 Datasheet HTML 13Page - Texas Instruments ISOUSB111 Datasheet HTML 14Page - Texas Instruments ISOUSB111 Datasheet HTML 15Page - Texas Instruments ISOUSB111 Datasheet HTML 16Page - Texas Instruments ISOUSB111 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
7 Detailed Description
7.1 Overview
ISOUSB111 is a galvanically-isolated USB2.0 compliant repeater supporting Low Speed (1.5 Mbps) and Full
Speed (12 Mbps) signaling rates. The device supports automatic speed and connection detection, reflection
of pull-ups/pull-downs, and link power management allowing drop-in USB hub, host, peripheral and cable
isolation. Most microcontrollers integrate the USB PHY, and so offer only D+ and D- bus lines as external
pins. ISOUSB111 can isolate these pins from the USB bus without needing any other intervention from the
microcontroller. The device also supports automatic role reversal - if after disconnect, if a new connect is
detected on the Upstream facing port, then the Upstream and Downstream port definitions are reversed.
ISOUSB111 is available in basic and reinforced isolation options with isolation withstand voltage of 3000 VRMS
and 5700 VRMS respectively, and with surge test voltage of 6 kVPK and 12.8 kVPK respectively. The device can
operate completely off a 4.25 V to 5.5 V supply (USB VBUS power) or from local 3.3-V supply, if available, on
both side 1 and side 2. This flexibility in supply voltages allows optimization for thermal performance based on
power rails available in the system.
7.2 Functional Block Diagram
A simplified functional block diagram of ISOUSB111 is shown in Figure 7-1. The device comprises the following:
1. Transmit and receive circuits and pull-up and pull-down resistors according to the USB standard.
2. Digital logic to handle bi-directional communication, and various state-transitions.
3. Internal LDOs to generate V3P3Vx supplies from the VBUSx supplies.
4. Galvanic isolation.
UD+
FSM
PU/PD
LDO
SERXD-
SERXD+
LSFSRX
LSFSTX
FSM
PU/PD
LDO
SERXD-
SERXD+
LSFSRX
LSFSTX
FSM
UD-
V
BUS1
V
3P3V1
DD+
DD-
V
BUS2
V
3P3V2
Figure 7-1. ISOUSB111 Simplified Functional Block Diagram
7.3 Feature Description
7.3.1 Power Supply Options
The ISOUSB111 can be powered by connecting a 4.25 V to 5.5 V supply on VBUSx pins, in which case an
internal LDO generates V3P3Vx voltage. This option is suitable for the side facing the USB connector, where a 5-
V VBUS supply is available. Alternatively, VBUSx and V3P3Vx pins can be shorted together and an external power
3.3-V supply can be connected to both. This second option is suitable for the side facing the microcontroller,
where a 5-V supply may not be available.
www.ti.com
ISOUSB111
SLLSFC6A – NOVEMBER 2021 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISOUSB111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com