Electronic Components Datasheet Search
  English  ▼

X  

ISOUSB111 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISOUSB111
Description  ISOUSB111 Full/Low Speed Isolated USB Repeater
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB111 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISOUSB111 Datasheet HTML 17Page - Texas Instruments ISOUSB111 Datasheet HTML 18Page - Texas Instruments ISOUSB111 Datasheet HTML 19Page - Texas Instruments ISOUSB111 Datasheet HTML 20Page - Texas Instruments ISOUSB111 Datasheet HTML 21Page - Texas Instruments ISOUSB111 Datasheet HTML 22Page - Texas Instruments ISOUSB111 Datasheet HTML 23Page - Texas Instruments ISOUSB111 Datasheet HTML 24Page - Texas Instruments ISOUSB111 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
10 Layout
10.1 Layout Guidelines
Two layers are sufficient to accomplish a low EMI PCB design.
• Routing the high-speed traces on the top layer avoids the use of vias (and the introduction of their
inductances) and allows for clean interconnects between the isolator and the transmitter and receiver circuits
of the data link.
• For best performance, it is recommended to minimize the length of D+/D- board traces from the MCU to
ISOUSB111, and from ISOUSB111 to the connector. Vias and stubs on D+/D- lines must be avoided.
• Placing a solid ground plane just below the high-speed signal layer establishes controlled impedance for
transmission line interconnects and provides an excellent low-inductance path for the return current flow.
D+ and D- traces must be designed for 90-Ω differential impedance and as close to 45-Ω single ended
impedance as possible.
• Placing the power plane next to the ground plane creates additional high-frequency bypass capacitance of
approximately 100 pF/in2.
• Decoupling capacitors must be placed on the top layer, and the routing between the capacitors and the
corresponding to supply and ground pins must be completed in the top layer itself. There should not be any
vias in the routing path between the decoupling capacitors and the corresponding supply and ground pins.
• Routing the slower speed control signals on the bottom layer allows for greater flexibility as these signal links
usually have margin to tolerate discontinuities such as vias.
10.1.1 Layout Example
The layout example in this section shows the recommended placement for de-coupling capacitors and ESD
protection diodes. A continuous ground plane is recommended below the D+/D- signal traces. Small footprint
capacitors (0402/0201) are recommended so that these may be placed very close to the supply pins and
corresponding ground pins and connected using the top layer. There should not be any vias in the routing path
between the decoupling capacitors and the corresponding supply and ground pins. The ESD protection diodes
should be placed close to the connector with a strong connection to the ground plane. The example shown is for
an isolated host or hub, but similar considerations apply for isolated peripherals also. The 120-μF capacitor on
VBUS only applies to host or hub and should not be used for peripherals. A ferrite bead, with dc resistance less
than 100 mΩ, may be optionally placed on the VBUS route, after the 100-nF (and 120-μF) capacitors to prevent
transients such as ESD from affecting the rest of the circuits.
For best performance, it is recommended to minimize the length of D+/D- board traces from the MCU to
ISOUSB111, and from ISOUSB111 to the connector. Vias and stubs on D+/D- lines must be avoided.
www.ti.com
ISOUSB111
SLLSFC6A – NOVEMBER 2021 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISOUSB111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com