Electronic Components Datasheet Search
  English  ▼

X  

ISOUSB111 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISOUSB111
Description  ISOUSB111 Full/Low Speed Isolated USB Repeater
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB111 Datasheet(HTML) 2 Page - Texas Instruments

  ISOUSB111 Datasheet HTML 1Page - Texas Instruments ISOUSB111 Datasheet HTML 2Page - Texas Instruments ISOUSB111 Datasheet HTML 3Page - Texas Instruments ISOUSB111 Datasheet HTML 4Page - Texas Instruments ISOUSB111 Datasheet HTML 5Page - Texas Instruments ISOUSB111 Datasheet HTML 6Page - Texas Instruments ISOUSB111 Datasheet HTML 7Page - Texas Instruments ISOUSB111 Datasheet HTML 8Page - Texas Instruments ISOUSB111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................6
6.5 Power Ratings.............................................................6
6.6 Insulation Specifications............................................. 7
6.7 Safety-Related Certifications...................................... 8
6.8 Safety Limiting Values.................................................8
6.9 Electrical Characteristics.............................................9
6.10 Switching Characteristics........................................ 11
7 Detailed Description......................................................13
7.1 Overview................................................................... 13
7.2 Functional Block Diagram......................................... 13
7.3 Feature Description...................................................13
7.4 Device Functional Modes..........................................15
8 Power Supply Recommendations................................16
9 Application and Implementation.................................. 17
9.1 Typical Application.................................................... 17
10 Layout...........................................................................21
10.1 Layout Guidelines................................................... 21
11 Device and Documentation Support..........................23
11.1 Documentation Support.......................................... 23
11.2 Receiving Notification of Documentation Updates.. 23
11.3 Support Resources................................................. 23
11.4 Trademarks............................................................. 23
11.5 Electrostatic Discharge Caution.............................. 23
11.6 Glossary.................................................................. 23
12 Mechanical, Packaging, and Orderable
Information.................................................................... 23
12.1 Tape and Reel Information......................................30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (November 2021) to Revision A (April 2022)
Page
• TA Max value updated to 125°C......................................................................................................................... 5
ISOUSB111
SLLSFC6A – NOVEMBER 2021 – REVISED APRIL 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISOUSB111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com