Electronic Components Datasheet Search
  English  ▼

X  

INA350CDSIDDFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA350CDSIDDFR
Description  INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA350CDSIDDFR Datasheet(HTML) 1 Page - Texas Instruments

  INA350CDSIDDFR Datasheet HTML 1Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 2Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 3Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 4Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 5Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 6Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 7Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 8Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain
Instrumentation Amplifier
1 Features
• Ideal for size, cost, and power conscious designs
• Selectable gain options
– G = 10 or G = 20 (INA350ABS)
– G = 30 or G = 50 (INA350CDS)
• Space saving ultra-small package options
– 10-pin X2QFN (RUG) – 3 mm2
– 8-pin WSON (DSG) – 4 mm2
– 8-pin SOT23-THN (DDF) – 4.64 mm2
• Optimized performance for 10-bit to 14-bit systems
– CMRR: 95 dB (typ) across all gains
– Offset voltage: 0.2 mV (typ) across all gains
– Gain error (typ):
• 0.05% for G = 10; 0.06% for G = 20
• 0.075% for G = 30; 0.082% for G = 50
• Bandwidth: 100 kHz for G = 10 (typ)
• Drives 500 pF with less than 20% overshoot (typ)
• Optimized quiescent current: 100 µA (typ)
• Shutdown option for power conscious applications
• Supply range: 1.8 V (±0.9 V) to 5.5 V (±2.75 V)
• Specified temperature range: –40°C to 125°C
2 Applications
• Bridge network sensing
• Differential to single-ended conversion
• Weigh scale
• Analog input module
• Flow transmitter
• Wearable fitness and activity monitor
• Blood glucose monitor
• Pressure and temperature sensing
+
–
+
–
+
–
60 k
60 k
60 k
60 k
REF
V+
OUT
V
IN
+IN
90 k
/ 145 k
90 k
/ 145 k
RG
GS
SHDN
_____
Note: 90 kΩ for INA350ABS and 145 kΩ for INA350CDS
Simplified Internal Schematic
3 Description
INA350 is a selectable-gain instrumentation amplifier
that offers four gain options across INA350ABS and
INA350CDS variants available in small packages.
INA350ABS has gain options of 10 or 20 and
INA350CDS has gain options of 30 or 50. These
gain options can be selected by toggling the gain
select (GS) pin. INA350 is ideal for bridge-type
sensing and for differential to single-ended conversion
applications.
Built with precision matched integrated resistors,
INA350 saves on BOM costs, pick-and-place machine
handling costs, and board space by removing
the need for precise or closely-matched external
resistors. The device interface directly to low-speed,
10-bit to 14-bit, analog-to-digital converters (ADC)
and is ideal for replacing discrete implementation
of instrumentation amplifiers built with commodity
amplifiers and discrete resistors.
Designed with the three-amplifier architecture, INA350
is optimized for delivering performance. It achieves
85 dB of minimum CMRR and 0.6% of maximum
gain error, along with 1.2 mV of maximum offset
across all gain options, while consuming just 125 µA
of maximum quiescent current. It has an integrated
shutdown option to turn off the amplifier when idle
for additional power savings in battery powered
applications.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA350ABS,
INA350CDS
WSON (8)
2.00 mm × 2.00 mm
SOT-23 (8)
1.60 mm × 2.90 mm
X2QFN (10)(2)
1.50 mm × 2.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
This package is preview only.
INA350
SBOSAA0B – NOVEMBER 2021 – REVISED APRIL 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA350CDSIDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA350CDSIDDFR TI1-INA350CDSIDDFR Datasheet
3Mb / 44P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
REVISED MAY 2023
More results

Similar Description - INA350CDSIDDFR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
AD620 AD-AD620_15 Datasheet
643Kb / 21P
Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
Low Cost Low Power Instrumentation Amplifier
logo
Texas Instruments
INA350 TI-INA350 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021
INA350 TI-INA350_V01 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021
INA351 TI-INA351 Datasheet
3Mb / 40P
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
DECEMBER 2022
INA351 TI1-INA351_V01 Datasheet
3Mb / 41P
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED FEBRUARY 2023
INA351A TI-INA351A Datasheet
1Mb / 30P
INA351A - Low Power, 1.8-V to 5.5-V Small-Size Instrumentation Amplifier with Configurable Reference Amplifier
JUNE 2023
INA350 TI1-INA350_V03 Datasheet
3Mb / 44P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
REVISED MAY 2023
INA351 TI-INA351_V02 Datasheet
3Mb / 41P
INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com