Electronic Components Datasheet Search
  English  ▼

X  

HCPL-810J Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-810J
Description  PLC Powerline DAA IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-810J Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-810J Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Regulatory Information
The HCPL-810J is pending for approval by the following organizations:
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics (1)
IEC/EN/DIN EN 60747- 5- 2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01
with VIORM = 891 Vpeak.
UL
Recognized under UL 1577,
component recognition program,
File E55361.
CSA
Approved under CSA
Acceptance Notice #5,
File CA 88324.
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
For rated mains voltage
≤ 150 Vrms
For rated mains voltage
≤ 300 Vrms
For rated mains voltage
≤ 600 Vrms
I – IV
I – III
I – II
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
891
VPEAK
Input to Output Test Voltage, Method b (2)
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
Partial Discharge < 5 pC
VPR
1670
VPEAK
Input to Output Test Voltage, Method a (2)
VIORM x 1.5 = VPR, Type and Sample Test, tm = 60 sec,
Partial Discharge < 5 pC
VPR
1336
VPEAK
Highest Allowable Over-voltage (2)
(Transient Over-voltage tini = 10 sec)
VIOTM
6000
VPEAK
Safety-limiting values
− maximum values allowed in the event of a failure
Case Temperature
Control Side Power (3)
Line Side Power (3)
TS
PS, INPUT
PS, OUTPUT
175
400
1500
°C
mW
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
Ω
Notes:
1. Isolation characteristics are guaranteed only within the safety maximum ratings that
must be ensured by protective circuits in application. Surface mount classification is class
A in accordance with CECCOO802.
2. Refer to the optocoupler section of the Isolation and Control Component Designer’s
Catalog, under Product Safety Regulations section, (IEC/EN/DIN EN 60747-5-2) for a
detailed description of Method a and Method b partial discharge test profiles.
3. Refer to the following figure for dependence of PS, INPUT and PS, OUTPUT on case
temperature.
0
25
50
75 100 125 150 175 200
1600
1400
1200
1000
800
600
400
200
0
T
S – CASE TEMPERATURE – °C
P
S, OUTPUT
P
S, INPUT
°
P
S, OUTPUT
P
S, INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com